Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP06N60T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKP06N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP06N60T Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKP06N60T_07 Datasheet HTML 1Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 2Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 3Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 4Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 5Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 6Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 7Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 8Page - Infineon Technologies AG IKP06N60T_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IKP06N60T
TrenchStop
® Series
p
Power Semiconductors
4
Rev. 2.3 Sep. 07
100Hz
1kHz
10kH z
100kHz
0A
3A
6A
9A
12A
15A
18A
T
C=11 0°C
T
C =80°C
1V
10V
100V
1000V
0,1A
1A
10A
5µs
DC
10µs
t
p=1µs
50µs
5ms
500µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj ≤ 175°C, D = 0.5, VCE = 400V,
VGE = 0/+15V, RG = 23Ω)
Figure 2. Safe operating area
(D = 0, TC = 25°C,
Tj ≤175°C;VGE=15V)
25°C
50°C
75°C
100°C 125°C 150°C
0W
20W
40W
60W
80W
25°C
75°C
125°C
0A
5A
10A
15A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj ≤ 175°C)
Figure 4. Collector current as a function of
case temperature
(VGE ≥ 15V, Tj ≤ 175°C)
Ic
Ic


Similar Part No. - IKP06N60T_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
More results

Similar Description - IKP06N60T_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP20N60T INFINEON-IKP20N60T_08 Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com