Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW20N60T Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IKW20N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW20N60T Datasheet(HTML) 1 Page - Infineon Technologies AG

  IKW20N60T Datasheet HTML 1Page - Infineon Technologies AG IKW20N60T Datasheet HTML 2Page - Infineon Technologies AG IKW20N60T Datasheet HTML 3Page - Infineon Technologies AG IKW20N60T Datasheet HTML 4Page - Infineon Technologies AG IKW20N60T Datasheet HTML 5Page - Infineon Technologies AG IKW20N60T Datasheet HTML 6Page - Infineon Technologies AG IKW20N60T Datasheet HTML 7Page - Infineon Technologies AG IKW20N60T Datasheet HTML 8Page - Infineon Technologies AG IKW20N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IKP20N60T
TrenchStop® Series
IKW20N60T
Power Semiconductors
1
Rev. 2.5 Sep. 08
Low Loss DuoPack : IGBT in TrenchStop® and Fieldstop technology
with soft, fast recovery anti-parallel EmCon HE diode
Very low VCE(sat) 1.5 V (typ.)
Maximum Junction Temperature 175 °C
Short circuit withstand time – 5
µs
Designed for :
- Frequency Converters
- Uninterrupted Power Supply
TrenchStop
® and Fieldstop technology for 600 V applications
offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
- very high switching speed
- low VCE(sat)
Positive temperature coefficient in VCE(sat)
Low EMI
Low Gate Charge
Very soft, fast recovery anti-parallel EmCon HE diode
Qualified according to JEDEC
1 for target applications
Pb-free lead plating; RoHS compliant
Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Marking
Package
IKP20N60T
600V
20A
1.5V
175
°C
K20T60
PG-TO-220-3-1
IKW20N60T
600V
20A
1.5V
175
°C
K20T60
PG-TO-247-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
600
V
DC collector current, limited by Tjmax
TC = 25
°C
TC = 100
°C
IC
40
20
Pulsed collector current, tp limited by Tjmax
ICpuls
60
Turn off safe operating area (VCE
≤ 600V, Tj ≤ 175°C)
-
60
Diode forward current, limited by Tjmax TC = 25
°C
TC = 100
°C
IF
40
20
Diode pulsed current, tp limited by Tjmax
IFpuls
60
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
2)
VGE = 15V, VCC
≤ 400V, Tj ≤ 150°C
tSC
5
µs
Power dissipation TC = 25
°C
Ptot
166
W
Operating junction temperature
Tj
-40...+175
Storage temperature
Tstg
-55...+175
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1 J-STD-020 and JESD-022
2) Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
PG-TO-247-3
PG-TO-220-3-1


Similar Part No. - IKW20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW20N60T INFINEON-IKW20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKW20N60T INFINEON-IKW20N60T Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKW20N60T INFINEON-IKW20N60T Datasheet
507Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
IKW20N60T INFINEON-IKW20N60T_15 Datasheet
507Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
More results

Similar Description - IKW20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com