Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDC14D60F6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIDC14D60F6
Description  Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC14D60F6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIDC14D60F6_10 Datasheet HTML 1Page - Infineon Technologies AG SIDC14D60F6_10 Datasheet HTML 2Page - Infineon Technologies AG SIDC14D60F6_10 Datasheet HTML 3Page - Infineon Technologies AG SIDC14D60F6_10 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDC14D60F6
Edited by INFINEON Technologies, IMM PSD, L4174M, Edition 2.1, 09.03.2010
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
VRRM
Tvj = 25 °C
600
V
Continuous forward current
IF
Tvj < 150°C
1 )
Maximum repetitive forward current
IFRM
Tvj < 150°C
90
A
Junction temperature range
Tvj
-40...+175
°C
Operating junction temperature
Tvj
-40...+150
°C
Dynamic ruggedness²
)
Pmax
IFmax = 90A, VRmax = 600V,
Tvj
≤ 150°C
tbd
kW
1 ) depending on thermal properties of assembly
2 ) not subject to production test - verified by design/characterisation
Static Characteristic (tested on wafer), Tvj = 25 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Reverse leakage current
IR
VR=600V
27
µA
Cathode-Anode
breakdown Voltage
VBR
IR=3mA
600
V
Diode forward voltage
VF
IF=45A
1.6
V
Further Electrical Characteristics
Switching characteristics and thermal properties are depending strongly on module design and mounting
technology and can therefore not be specified for a bare die.


Similar Part No. - SIDC14D60F6_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC14D60F6 INFINEON-SIDC14D60F6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
More results

Similar Description - SIDC14D60F6_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC04D60F6 INFINEON-SIDC04D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Edition 2.1, 09.03.2010
SIDC09D60F6 INFINEON-SIDC09D60F6_10 Datasheet
107Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Edition 2.1, 09.03.2010
SIDC07D60F6 INFINEON-SIDC07D60F6_10 Datasheet
107Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Edition 2.1, 09.03.2010
SIDC07D60AF6 INFINEON-SIDC07D60AF6_10 Datasheet
114Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip
Edition 2.1, 09.03.2010
SIDC06D60F6 INFINEON-SIDC06D60F6_10 Datasheet
115Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip
Edition 2.1, 09.03.2010
SIDC03D60F6 INFINEON-SIDC03D60F6_10 Datasheet
114Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip
Edition 2.1, 09.03.2010
SIDC42D170E6 INFINEON-SIDC42D170E6_08 Datasheet
60Kb / 4P
   Fast switching diode chip in Emitter Controlled -Technology
Edition 1.2, 28.07.2008
SIDC23D120H8 INFINEON-SIDC23D120H8 Datasheet
201Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC30D120H8 INFINEON-SIDC30D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC105D120H8 INFINEON-SIDC105D120H8 Datasheet
223Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com