Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBTA06UPN Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SMBTA06UPN
Description  NPN / PNP Silicon AF Transistor Array High breakdown voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA06UPN Datasheet(HTML) 3 Page - Infineon Technologies AG

  SMBTA06UPN_07 Datasheet HTML 1Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 2Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 3Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 4Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 5Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 6Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-27
3
SMBTA06UPN
DC current gain hFE = ƒ(IC)
VCE = 1 V
EHP00821
10
h
C
FE
10
1
10
-1
0
Ι
100 C
25 C
-50 C
1
10
2
10
3
10
mA
2
10
3
10
0
10
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0.0
10
EHP00819
CEsat
V
0
3
10
Ι
C
mA
1
10
2
10
C
5
5
100
25 C
-50 C
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
EHP00818
10
0
V
BEsat
1.5
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
mA
5
10
2
100 ˚C
25 ˚C
-50 ˚C
Collector current IC = ƒ(VBE)
VCE = 1V
EHP00815
10
0
V
BE
1.5
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
mA
5
10
2
100 C
25 C
-50 C


Similar Part No. - SMBTA06UPN_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
More results

Similar Description - SMBTA06UPN_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
logo
Chenmko Enterprise Co. ...
CHT06UPNPT CHENMKO-CHT06UPNPT Datasheet
98Kb / 5P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
logo
Siemens Semiconductor G...
BCX13 SIEMENS-BCX13 Datasheet
141Kb / 4P
   PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
   NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
logo
Infineon Technologies A...
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com