Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBTA06UPN Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SMBTA06UPN
Description  NPN / PNP Silicon AF Transistor Array High breakdown voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA06UPN Datasheet(HTML) 2 Page - Infineon Technologies AG

  SMBTA06UPN_07 Datasheet HTML 1Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 2Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 3Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 4Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 5Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 6Page - Infineon Technologies AG SMBTA06UPN_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-04-27
2
SMBTA06UPN
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 105
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
80
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IE = 0
V(BR)CBO
80
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
4
-
-
Collector-base cutoff current
VCB = 80 V, IE = 0
VCB = 80 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
0.1
20
µA
Collector-emitter cutoff current
VCE = 60 V, IB = 0
ICEO
-
-
100
nA
DC current gain2)
IC = 10 mA, VCE = 1 V
IC = 100 mA, VCE = 1 V
hFE
100
100
-
-
-
-
-
Collector-emitter saturation voltage2)
IC = 100 mA, IB = 10 mA
VCEsat
-
-
0.25
V
Base-emitter voltage2)
IC = 100 mA, VCE = 1 V
VBE(ON)
-
-
1.2
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 5 V, f = 20 MHz
fT
-
100
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
7
-
pF
1For calculation of RthJA please refer to Application Note Thermal Resistance
2Pulse test: t < 300µs; D < 2%


Similar Part No. - SMBTA06UPN_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
More results

Similar Description - SMBTA06UPN_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
logo
Chenmko Enterprise Co. ...
CHT06UPNPT CHENMKO-CHT06UPNPT Datasheet
98Kb / 5P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
logo
Siemens Semiconductor G...
BCX13 SIEMENS-BCX13 Datasheet
141Kb / 4P
   PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
   NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
logo
Infineon Technologies A...
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com