Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIGC10T60S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIGC10T60S
Description  IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC10T60S Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIGC10T60S Datasheet HTML 1Page - Infineon Technologies AG SIGC10T60S Datasheet HTML 2Page - Infineon Technologies AG SIGC10T60S Datasheet HTML 3Page - Infineon Technologies AG SIGC10T60S Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIGC10T60S
Edited by INFINEON Technologies AI PS DD CLS, L7541D, Edition 2, 26.01.2005
IGBT
3
Chip
This chip is used for:
power module
discrete components
FEATURES:
600V Trench & Field Stop technology
low VCE(sat)
low turn-off losses
short tail current
positive temperature coefficient
easy paralleling
Applications:
drives
white goods
resonant applications
G
C
E
Chip Type
VCE
ICn
Die Size
Package
Ordering Code
SIGC10T60S
600V
20A
3.19 x 3.21 mm
2
sawn on foil
Q67050-
A4361-A101
MECHANICAL PARAMETER:
Raster size
3.19 x 3.21
Emitter pad size
2.004 x 2.413
Gate pad size
0.361 x 0.513
mm
2
Area total / active
10.2 / 7.1
mm
2
Thickness
70
µm
Wafer size
150
mm
Flat position
0
deg
Max. possible chips per wafer
1363 pcs
Passivation frontside
Photoimide
Emitter metallization
3200 nm AlSiCu
Collector metallization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al, <500µm
Reject ink dot size
∅ 0.65mm ; max 1.2mm
Recommended storage environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - SIGC10T60S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC10T60SE INFINEON-SIGC10T60SE Datasheet
283Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
More results

Similar Description - SIGC10T60S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC39T60S INFINEON-SIGC39T60S Datasheet
79Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
Edition 2, 26.01.2005
SIGC08T60S INFINEON-SIGC08T60S Datasheet
77Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
26.01.2005
SIGC06T60GS INFINEON-SIGC06T60GS Datasheet
76Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
09.06.2004
SIGC04T60GS INFINEON-SIGC04T60GS Datasheet
78Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
08.06.2004
SIGC15T60S INFINEON-SIGC15T60S Datasheet
77Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
26.01.2005
SIGC100T60R3 INFINEON-SIGC100T60R3_10 Datasheet
127Kb / 5P
   600V Trench & Field Stop technology positive temperature coefficient
Edition 2.1, 04.05.2010
SIGC40T60E INFINEON-SIGC40T60E Datasheet
291Kb / 9P
   600V trench & field stop technology
Rev. 2.3, 19.07.2017
SIGC10T60E INFINEON-SIGC10T60E Datasheet
283Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
SIGC08T60SE INFINEON-SIGC08T60SE Datasheet
286Kb / 9P
   600V trench & field stop technology
Rev. 2.1, 20.07.2017
SIGC06T60E INFINEON-SIGC06T60E Datasheet
290Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com