Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBD914 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SMBD914
Description  Silicon Switching Diode For high-speed switching applications Qualified according AEC Q101
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBD914 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SMBD914 Datasheet HTML 1Page - Infineon Technologies AG SMBD914 Datasheet HTML 2Page - Infineon Technologies AG SMBD914 Datasheet HTML 3Page - Infineon Technologies AG SMBD914 Datasheet HTML 4Page - Infineon Technologies AG SMBD914 Datasheet HTML 5Page - Infineon Technologies AG SMBD914 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-03-28
1
SMBD914/MMBD914...
Silicon Switching Diode
• For high-speed switching applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
SMBD914/MMBD914
!

Type
Package
Configuration
Marking
SMBD914/MMBD914
SOT23
single
s5D
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
100
V
Peak reverse voltage
VRM
100
Forward current
IF
250
mA
Non-repetitive peak surge forward current
t = 1 µs
t = 1 s
IFSM
4.5
0.5
A
Total power dissipation
TS ≤ 54°C
Ptot
370
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
SMBD914/MMBD914
RthJS
≤ 260
K/W
1Pb-containing package may be available upon special request
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - SMBD914

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBD914 SIEMENS-SMBD914 Datasheet
97Kb / 4P
   Silicon Switching Diode
logo
Infineon Technologies A...
SMBD914 INFINEON-SMBD914 Datasheet
453Kb / 4P
   Silicon Switching Diode
Mar-10-2004
More results

Similar Description - SMBD914

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBD7000 INFINEON-SMBD7000_07 Datasheet
72Kb / 6P
   Silicon Switching Diode Array For high-speed switching applications Qualified according AEC Q101
2007-03-28
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com