Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBTA92 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SMBTA92
Description  PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA92 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SMBTA92 Datasheet HTML 1Page - Infineon Technologies AG SMBTA92 Datasheet HTML 2Page - Infineon Technologies AG SMBTA92 Datasheet HTML 3Page - Infineon Technologies AG SMBTA92 Datasheet HTML 4Page - Infineon Technologies AG SMBTA92 Datasheet HTML 5Page - Infineon Technologies AG SMBTA92 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-04-19
1
SMBTA92/MMBTA92
1
2
3
PNP Silicon High-Voltage Transistors
• Suitable for video output stages in TV sets
and switching power supplies
• High breakdown voltage
• Low collector-emitter saturation voltage
• Complementary types:
SMBTA92 / MMBT92 (NPN)
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
SMBTA92/MMBTA92
s2D
1=B
2=E
3=C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
300
V
Collector-base voltage
VCBO
300
Emitter-base voltage
VEBO
5
Collector current
IC
500
mA
Base current
IB
100
Total power dissipation-
TS ≤ 74 °C
Ptot
360
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 210
K/W
1Pb-containing package may be available upon special request
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - SMBTA92

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA92 SIEMENS-SMBTA92 Datasheet
136Kb / 4P
   PNP Silicon Transistors for High Voltages
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92 Datasheet
122Kb / 4P
   PNP Silicon High Voltage Transistor
Feb-18-2002
SMBTA92 INFINEON-SMBTA92 Datasheet
530Kb / 7P
   PNP Silicon High-Voltage Transistors
2011-12-19
logo
Siemens Semiconductor G...
SMBTA92M SIEMENS-SMBTA92M Datasheet
27Kb / 4P
   PNP Silicon High-Voltage Transistor
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_11 Datasheet
530Kb / 7P
   PNP Silicon High-Voltage Transistors
2011-12-19
More results

Similar Description - SMBTA92

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN36 SIEMENS-BFN36 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com