Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA312-800ET Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BTA312-800ET
Description  3Q Hi-Com Triac Triggering in three quadrants only
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312-800ET Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BTA312-800ET Datasheet HTML 4Page - NXP Semiconductors BTA312-800ET Datasheet HTML 5Page - NXP Semiconductors BTA312-800ET Datasheet HTML 6Page - NXP Semiconductors BTA312-800ET Datasheet HTML 7Page - NXP Semiconductors BTA312-800ET Datasheet HTML 8Page - NXP Semiconductors BTA312-800ET Datasheet HTML 9Page - NXP Semiconductors BTA312-800ET Datasheet HTML 10Page - NXP Semiconductors BTA312-800ET Datasheet HTML 11Page - NXP Semiconductors BTA312-800ET Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BTA312-800ET
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 2 December 2010
8 of 14
NXP Semiconductors
BTA312-800ET
3Q Hi-Com Triac
Fig 7.
Normalized gate trigger current as a function of
junction temperature
Fig 8.
Normalized latching current as a function of
junction temperature
Vo = 1.127 V; Rs = 0.027
(1) Tj = 150 °C; typical values
(2) Tj = 150 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig 9.
Normalized holding current as a function of
junction temperature
Fig 10. On-state current as a function of on-state
voltage
Tj (°C)
−50
150
100
050
001aag165
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)
Tj (°C)
−50
150
100
050
001aag166
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aag167
1
2
3
0
IH
IH(25°C)
003aaf737
0
10
20
30
40
0
0.5
1
1.5
2
2.5
VT (V)
IT
(A)
(1)
(2)
(3)


Similar Part No. - BTA312-800ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
logo
WeEn Semiconductors
BTA312-800ET WEEN-BTA312-800ET Datasheet
229Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA312-800ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208S-600F NXP-BTA208S-600F Datasheet
164Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 5-13 April 2011
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
BTA208S-800B NXP-BTA208S-800B_11 Datasheet
176Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 03-14 April 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com