Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34726 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC34726
Description  300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34726 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC34726 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34726 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VOUT (1.0 V/DIV)
VSW (2.0 V/DIV)
IL (200 mA/DIV)
Time: 500 ns/DIV
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34726
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 10. CCM Switching Waveforms
VIN = 3.6 V, VOUT = 1.8 V and ILOAD = 150 mA
VOUT (AC Coupled, 500 mV/DIV)
VSW (2.0 V/DIV)
ILOAD (100 mA/DIV)
Time: 200
μs/DIV
Figure 11. Load Transient in Sleepy Z-ModeTM
VIN = 3.6 V, ILOAD =1.0 to 150 mA
VOUT (AC Coupled, 200 mV/DIV)
VSW (2.0 V/DIV)
ILOAD (200 mA/DIV)
Time: 200
μs/DIV
Figure 12. Load Transient in Z-ModeTM
VIN = 3.6 V, ILOAD =10 to 300 mA
VOUT (AC Coupled, 50 mV/DIV)
VSW (2.0 V/DIV)
ILOAD (100 mA/DIV)
Time: 200
μs/DIV
Figure 13. Load Transient in CCM
VIN = 3.6 V, ILOAD = 150 to 300 mA


Similar Part No. - MC34726

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFCR2 FREESCALE-MC34726AFCR2 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726BFC FREESCALE-MC34726BFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726BFCR2 FREESCALE-MC34726BFCR2 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726CFC FREESCALE-MC34726CFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
More results

Similar Description - MC34726

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com