Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34726AFC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC34726AFC
Description  300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34726AFC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34726AFC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34726AFC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34726
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions; 2.7 V
≤ VIN ≤ 5.5 V, 0.8 V ≤ VOUT ≤ 3.3 V, -25oC ≤ TA ≤ 85oC, CIN = COUT = 4.7 μF,
L1 = 4.7
μH (See Figure 1), unless otherwise noted. The typical specifications are measured at the following conditions;
TA = +25oC, VIN = 3.6 V, fSW = 2.0 MHz with the typical operating circuit (See Figure 1), unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
VIN
2.7
-
5.5
V
Output Voltage (Factory preset)
VOUT
0.8
-
3.3
V
Output Current
IOUT
300
-
-
mA
Total Supply Current(5)
Regulator disabled
IDIS
-
0.1
1.0
μA
Quiescent Current (Switching)
Sleepy Z-mode and ILOAD = 0 mA
IQ
-
65
85
μA
Current Limit
Current rising at high side
IPK
-
450
-
mA
Output Voltage Accuracy (% of output voltage)
Overload and temperature
ΔVOUT
-3%
-
3%
VOUT
UVLO Threshold(6)
VIN: 2.7 -5.5 V
VIN rising
VIN falling
VUVLO
-
2.5
-
-
2.7
-
V
Enable Voltage
Regulator operating
Regulator shutdown
VEN
1.6
-
-
-
-
0.4
V
High Side Power MOSFET On Resistance
VIN = 3.6 V, VOUT = 1.8 V, TA = 40°C, ILOAD = 150 mA
RDS(ON)H
-
250
-
m
Ω
Low Side Power MOSFET On Resistance
VIN = 3.6 V, VOUT = 1.8 V, TA = 40°C, ILOAD = 150 mA
RDS(ON)L
-
350
-
m
Ω
Load Regulation
1.0 mA < ILOAD < 300 mA and VOUT = 1.8 V
ΔVOUT/ΔIOUT
-
0.5
-
%
Line Regulation
VIN = 2.7 to 5.5 V
ΔVOUT/ΔVIN
-
0.5
-
%
Start-up Overshoot (% of output voltage)
ILOAD = 0 mA, VOUT = 1.8 V and COUT = 4.7 μF
VSTO
-
3%
-
VOUT
Thermal Shutdown Threshold (Junction Temperature)
TSTDN
-
140
-
°C
Thermal Shutdown Hysteresis (Junction Temperature)
THYSTR
-
10
-
°C
Notes
5.
Maximum IDIS measured at VIN = 3.6 V and TA = 25°C.
6.
For a product with a VOUT of 3.3 V and a VIN minimum less than 3.6 V, the VOUT value will track (drop below 3.3 V) VIN down to a value
of 2.5 V, where the UVLO shutdown mechanism will activate.


Similar Part No. - MC34726AFC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFCR2 FREESCALE-MC34726AFCR2 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
More results

Similar Description - MC34726AFC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com