Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8865-256G Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S8865-256G
Description  Photodiode array combined with signal processing IC for X-ray detection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8865-256G Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S8865-256G Datasheet HTML 1Page - Hamamatsu Corporation S8865-256G Datasheet HTML 2Page - Hamamatsu Corporation S8865-256G Datasheet HTML 3Page - Hamamatsu Corporation S8865-256G Datasheet HTML 4Page - Hamamatsu Corporation S8865-256G Datasheet HTML 5Page - Hamamatsu Corporation S8865-256G Datasheet HTML 6Page - Hamamatsu Corporation S8865-256G Datasheet HTML 7Page - Hamamatsu Corporation S8865-256G Datasheet HTML 8Page - Hamamatsu Corporation S8865-256G Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
3
Electrical and optical characteristics [Ta=25 °C, Vdd=5 V, V(CLK)=V(RESET)=5 V, Vgain=5 V (High gain), 0 V (Low gain)]
Parameter
Symbol
S8866-64G-02
S8866-128G-02
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Peak sensitivity wavelength*6
λp
-
720
-
-
720
-
nm
Dark output voltage*7
High gain
Vd
-
0.01
0.2
-
0.01
0.2
mV
Low gain
-
0.005
0.1
-
0.005
0.1
Saturation output voltage
Vsat
3
3.5
-
3
3.5
-
V
Saturation exposure*6 *8
High gain
Esat
-
0.2
0.25
-
0.8
1.0
mlx · s
Low gain
-
0.4
0.5
-
1.6
2.0
Photo sensitivity*6 *8
High gain
S
14400
18000
-
3520
4400
-
V/lx · s
Low gain
7200
9000
-
1760
2200
-
Photo response non-
uniformity*9
3 channels from both ends
PRNU
-
-
-25, +10
-
-
-35, +10
%
All channels excluding
3 channels from both ends
--
±10
-
-
±10
Noise*10
High gain
N
-
2.0
3.0
-
1.3
2.0
mVrms
Low gain
-
1.1
1.7
-
0.7
1.1
Output offset voltage*11
Vos
-
Vref
-
-
Vref
-
V
*6: Measured without phosphor sheet
*7: Integration time ts=1 ms
*8: Measured with a 2856 K tungsten lamp
*9: When the photodiode array is exposed to uniform light which is 50% of the saturation exposure, the photo response non-uiniformity
(PRNU) is de ned as follows:
PRNU = ΔX/X × 100 [%]
X: average output of all elements, ΔX: difference between X and the maximum or minimum output, whichever is larger.
*10: Measured with a video data rate of 50 kHz and ts=1 ms in dark state
*11: Video output is negative-going output with respect to the output offset voltage.
Parameter
Symbol
S8865-64G
S8865-128G
S8865-256G
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Peak sensitivity wavelength*6
λp
-
720
-
-
720
-
-
720
-
nm
Dark output voltage*7
High gain
Vd
-
0.01
0.2
-
0.01
0.2
-
0.01
0.2
mV
Low gain
-
0.005
0.1
-
0.005
0.1
-
0.005
0.1
Saturation output voltage
Vsat
3.0
3.5
-
3.0
3.5
-
3.0
3.5
-
V
Saturation exposure*6 *8
High gain
Esat
-
0.8
1.0
-
2.4
3.0
-
15
19
mlx · s
Low gain
-
1.6
2.0
-
4.8
6.0
-
30
37.5
Photo sensitivity*6 *8
High gain
S
3520
4400
-
1200
1500
-
200
250
-
V/lx · s
Low gain
1760
2200
-
600
750
-
100
125
-
Photo response non-
uniformity*9
3 channels from both ends
PRNU
--
-35, +10
--
-55, +10
--
-70, +10
%
All channels excluding
3 channels from both ends
-
-
±10
-
-
±10
-
-
±10
Noise*10
High gain
N
-
1.3
2.0
-
1.0
1.5
-
0.8
1.2
mV rms
Low gain
-
0.7
1.1
-
0.6
0.9
-
0.5
0.75
Output offset voltage*11
Vos
-
Vref
-
-
Vref
-
-
Vref
-
V
S8865-64G/-128G/-256G
S8866-64G-02/-128G-02


Similar Part No. - S8865-256G

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8865-256G HAMAMATSU-S8865-256G Datasheet
92Kb / 6P
   Photodiode array combined with signal processing circuit chip
More results

Similar Description - S8865-256G

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8865-64G HAMAMATSU-S8865-64G_15 Datasheet
679Kb / 15P
   Photodiode array combined with signal processing IC for X-ray detection
S8866-64 HAMAMATSU-S8866-64_11 Datasheet
375Kb / 10P
   Photodiode array combined with signal processing IC
S11865-64 HAMAMATSU-S11865-64_15 Datasheet
1Mb / 14P
   Photodiode arrays combined with signal processing IC
S8865-256 HAMAMATSU-S8865-256 Datasheet
92Kb / 6P
   Photodiode array combined with signal processing circuit chip
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
   Photodiode array combined with signal processing circuit chip
logo
KODENSHI_AUK CORP.
PIC-0903 KODENSHI-PIC-0903 Datasheet
145Kb / 2P
   Photo IC(photodiode with signal processing)?
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
   Photo IC(photodiode with signal processing)?
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
   Photo IC(photodiode with signal processing)
PIC-1503 KODENSHI-PIC-1503 Datasheet
141Kb / 2P
   Photo IC(photodiode with signal processing)?
logo
Hamamatsu Corporation
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com