Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8249-012 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H8249-012
Description  photosensor modules consist of a 28-mm (1-1/8") diameter side-on photomultiplier tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8249-012 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H8249-012 Datasheet HTML 1Page - Hamamatsu Corporation H8249-012 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photosensor Modules
H8249 Series
Specifications
The H8249 series photosensor modules incorporate a 28-mm (1-1/8")
diameter side-on photomultiplier tube, a high-voltage power supply circuit and
a low noise amplifier. Two types of amplifiers are available with a current-to-
voltage conversion factor of 1 V/
µA or 0.1 V/µA and a frequency bandwidth of
DC to 20 kHz or DC to 200 kHz. Three types of photomultiplier tubes are
provided as standard lineups for general applications in the visible range, UV
to visible range requiring low-noise, and UV to near IR range.
Product Variations
300 nm to 650 nm
185 nm to 680 nm
185 nm to 900 nm
300 nm to 650 nm
185 nm to 680 nm
185 nm to 900 nm
Spectral Response
H8249-001
H8249-011
H8249-101
H8249-002
H8249-012
H8249-102
For general applications in visible range
For general applications in UV to visible range
High sensitivity in UV to near IR range. Uses photomultiplier
tube with meshless grid for excellent uniformity.
For general applications in visible range
For general applications in UV to visible range
High sensitivity in UV to near IR range. Uses photomultiplier
tube with meshless grid for excellent uniformity.
Type No.
1 V/
µA
0.1 V/
µA
Current-to-Voltage
Conversion Factor
DC to 20 kHz
DC to 200 kHz
Frequency Bandwidth
Features
*1: Measured at the peak sensitivity wavelength
*2: Control voltage = +1.0 V
*3: After 30 minutes storage in darkness
*4: Output of anode dark current
*5: Cable RG-174/U, Cable length 450 mm, Load resistance = 1 M
Ω, Load capacitance = 22 pF
*6: The time required for the output to reach a stable level following a change in the control voltage from +1.0 V to +0.5 V.
*7: No condensation
Parameter
Suffix
Input Voltage
Max. Input Voltage
Max. Input Current
Max. Control Voltage
Recommended Control Voltage Adjustment Range
Effective Area
Sensitivity Adjustment Range
Peak Sensitivity Wavelength
Suffix (with internal 20 kHz amp)
Max. Output Signal Voltage
Current-to-Voltage Conversion Factor
Suffix (with internal 200 kHz amp)
Max. Output Signal Voltage
Current-to-Voltage Conversion Factor
Offset Voltage
Ripple Noise *2 *5 (peak to peak)
Settling Time *6
Operating Ambient Temperature *7
Storage Temperature *7
Weight
-011 / -012
±11.5 to ±15.5
±18
+45/-1 (-001/-011/-101), +55/-15 (-002/-012/-102)
+1.2 (Input Impedance 100 k
Ω)
+0.3 to +1.1
4
× 20
1: 104
400
40
60
6.4
60
-011
2.0
× 108
4.0
× 108
400
0.1
2
+10 (Load resistance 10 k
Ω)
1
-012
2.0
× 107
4.0
× 107
40
0.01
0.2
+10 (Load resistance 10 k
Ω)
0.1
-001 / -002
30
60
7.1
60
-001
5.0
× 107
6.0
× 108
600
5
50
-002
5.0
× 106
6.0
× 107
60
0.5
5
-101 / -102
140
250
8.0
0.3
74
-101
4.0
× 108
2.5
× 109
740
3
50
-102
4.0
× 107
2.5
× 108
74
0.3
5
Unit
V
V
mA
V
V
mm
nm
µA/lm
mA/W
V/lm
V/nW
mV
V
V/
µA
V/lm
V/nW
mV
V
V/
µA
mV
mV
s
°C
°C
g
H8249 Series
Min.
Typ.
Typ.
Typ.
Typ.
Min.
Typ.
Typ.
Typ.
Max.
Min.
Typ.
Typ.
Typ.
Max.
Typ.
Max.
Max.
Luminous Sensitivity
Blue Sensitivity Index (CS 5-58)
Red/White Ratio
Radiant Sensitivity *1
Luminous Sensitivity *2
Radiant Sensitivity *1 *2
Voltage Output Depending
on PMT Dark Current *2 *3 *4
Luminous Sensitivity *2
Radiant Sensitivity *1 *2
Voltage Output Depending
on PMT Dark Current *2 *3 *4
±3
0.6
0.2
+5 to +45
-20 to +50
220
H8249 series


Similar Part No. - H8249-012

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8249-012 HAMAMATSU-H8249-012 Datasheet
86Kb / 2P
   Side-on PMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com