Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC139 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC139
Description  Low-Frequency General-Purpose Amp, General Driver Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC139 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC139 Datasheet HTML 1Page - Sanyo Semicon Device FC139 Datasheet HTML 2Page - Sanyo Semicon Device FC139 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/2080MO, TS No.3324-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Composite Transistor
Low-Frequency General-Purpose Amp,
General Driver Applications
Ordering number:EN3324
FC139
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
6V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
2A
m
t
n
e
r
r
u
C
e
s
a
BIB
0
2A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
E1:Emitter 1
B1:Base 1
C2:Collector 2
E2:Emitter 2
B2:Base 2
C1:Collector 1
SANYO:CP6
Package Dimensions
unit:mm
2067
[FC139]
Features
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC139 is formed with two chips, being equiva-
lent to the 2SC3689, placed in one package.
· Adoption of FBET process.
· High DC current gain (hFE=800 to 3200).
· High VEBO (VEBO≥15V)
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
Note:The specifications shown above are for each individual transistor.
Marking:139
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
0
1
=
C 0
=1
.
0A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
5
=
C
A
m
0
1
=0
0
80
0
5
10
0
2
3
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
Dh
/
ll
a
m
s
(
E
F
)
e
g
r
a
l
V E
C
I
,
V
5
=
C
A
m
0
1
=8
.
08
9
.
0
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
0
1
=0
0
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=5
.
1F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
5
=
B
A
m
1
=1
.
05
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
5
=
B
A
m
1
=8
.
01
.
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
=
E 0
=0
6V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
=
E
B =∞
0
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
=
C=0
5
1V


Similar Part No. - FC139

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC13973 LEDIL-FC13973 Datasheet
1Mb / 23P
   Angelina RefPack
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
   Angelina RefPack
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
   Angelina RefPack
logo
Cree, Inc
FC13980 CREE-FC13980 Datasheet
2Mb / 17P
   ANGELA series
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
   ANGELA series
More results

Similar Description - FC139

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC149 SANYO-FC149 Datasheet
85Kb / 3P
   Low-Frequency General-Purpose Amp, Driver Applications
FC150 SANYO-FC150 Datasheet
145Kb / 4P
   Low-Frequency General-Purpose Amp, Driver Applications
2SC5070 SANYO-2SC5070 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp, Driver Applications?
2SC5069 SANYO-2SC5069 Datasheet
85Kb / 3P
   Low-Frequency General-Purpose Amp, Driver Applications?
2SC4480 SANYO-2SC4480 Datasheet
85Kb / 3P
   High-Frequency General-Purpose Amp, General Driver Applications????????????
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
   Low-Frequency General-Purpose Amp Applications????
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
FC117 SANYO-FC117 Datasheet
75Kb / 3P
   Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
   Low-Frequency General-Purpose Amp Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com