Electronic Components Datasheet Search |
|
PPC8567EVTANGGA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
PPC8567EVTANGGA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 139 page MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1 10 Freescale Semiconductor Electrical Characteristics 1.2.15 System Performance Monitor The performance monitor facility supports eight 32-bit counters that can count up to 512 counter-specific events. It supports duration and quantity threshold counting and a burstiness feature that permits counting of burst events with a programmable time between bursts. 2 Electrical Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC8568E. This device is currently targeted to these specifications. Some of these specifications are independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer design specifications. 2.1 Overall DC Electrical Characteristics This section covers the ratings, conditions, and other characteristics. 2.1.1 Absolute Maximum Ratings Table 2. Absolute Maximum Ratings 1 Characteristic Symbol Max Value Unit Notes Core supply voltage VDD –0.3 to 1.21 V — PLL supply voltage AVDD_PLAT, AVDD_CORE, AVDD_CE, AVDD_PCI, AVDD_LBIU, AVDD_SRDS –0.3 to 1.21 V — Core power supply for SerDes transceiver SCOREVDD –0.3 to 1.21 V — Pad power supply for SerDes transceiver XVDD –0.3 to 1.21 V — DDR and DDR2 DRAM I/O voltage GVDD –0.3 to 2.75 –0.3 to 1.98 V— eTSEC1, eTSEC2 I/O Voltage LVDD –0.3 to 3.63 –0.3 to 2.75 V— QE UCC1/UCC2 Ethernet Interface I/O Voltage TVDD –0.3 to 3.63 –0.3 to 2.75 V— PCI, DUART, system control and power management, I2C, and JTAG I/O voltage OVDD –0.3 to 3.63 V 3 Local bus I/O voltage BVDD –0.3 to 3.63 –0.3 to 2.75 V3 |
Similar Part No. - PPC8567EVTANGGA |
|
Similar Description - PPC8567EVTANGGA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |