Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC802 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC802
Description  Composite Diode for High-Speed Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC802 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC802 Datasheet HTML 1Page - Sanyo Semicon Device FC802 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22898HA (KT)/52595GI (KOTO) 169MO, TS 84995 No.3108-1/2
FC802
Ordering number :EN3108B
Composite Diode
for High-Speed Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Epitaxal Planar Diode
Electrical Characteristics at Ta = 25˚C
Features
· Composite type with 4 diodes cintained in the CP
package currently in use, resulting in the greatly
improved circuit board using efficiency.
· The FC802 is formed with two chips, each being
equivalent to the DCB015, placed in one package.
· Fast switching speed.
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1233A
[FC802]
1:Anode
2:Anode
3:Cathode
4:Anode
5:Anode
6:Cathode
SANYO:CP6
Reverse Recovery Time Test Circuit
Note) The specifications shown above are for each individual diode.
· Marking:802
Electrical Connection
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
5
7V
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
e
g
r
u
SI
M
S
F
s
µ
1
4A
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
0
0
1A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI M
F
0
0
3A
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
5
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
1
=2
7
.
00
.
1V
IF
A
m
0
5
=5
8
.
00
.
1V
IF
A
m
0
0
1
=2
9
.
02
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
5
=
0
0
1A
n
e
c
n
a
t
i
c
a
p
a
C
l
a
m
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
=0
.
40
.
7F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF
V
,
A
m
0
1
=
R
R
,
V
6
=
L
0
5
=
Ω I
, r
r
p
r
I
1
.
0
=0
.
5s
n


Similar Part No. - FC802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
   Composite Diode for High-Speed Switching Applications
FC803 SANYO-FC803 Datasheet
46Kb / 2P
   30V, 70mA Rectifier
FC804 SANYO-FC804 Datasheet
47Kb / 2P
   30V, 200mA Rectifier
FC805 SANYO-FC805 Datasheet
50Kb / 2P
   30V, 500mA Rectifier
FC806 SANYO-FC806 Datasheet
50Kb / 2P
   50V, 100mA Rectifier
More results

Similar Description - FC802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
   Composite Diode for High-Speed Switching Applications
FC903 SANYO-FC903 Datasheet
21Kb / 2P
   High-Speed Switching Composite Diode
FC807 SANYO-FC807 Datasheet
46Kb / 2P
   High-Speed Switching Composite Diode Anode Common
FC808 SANYO-FC808 Datasheet
47Kb / 2P
   High-Speed Switching Composite Diode Cathode Common
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Toshiba Semiconductor
1SS250 TOSHIBA-1SS250 Datasheet
128Kb / 2P
   DIODE (HIGH SPEED SWITCHING APPLICATIONS)
1SS401 TOSHIBA-1SS401 Datasheet
107Kb / 2P
   DIODE (HIGH SPEED SWITCHING APPLICATIONS)
1SS402 TOSHIBA-1SS402 Datasheet
112Kb / 2P
   DIODE (HIGH SPEED SWITCHING APPLICATIONS)
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com