Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7350 Datasheet(PDF) 5 Page - ADTech

Part # ADT7350
Description  a step-down converter with integrated switching MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7350 Datasheet(HTML) 5 Page - ADTech

  ADT7350 Datasheet HTML 1Page - ADTech ADT7350 Datasheet HTML 2Page - ADTech ADT7350 Datasheet HTML 3Page - ADTech ADT7350 Datasheet HTML 4Page - ADTech ADT7350 Datasheet HTML 5Page - ADTech ADT7350 Datasheet HTML 6Page - ADTech ADT7350 Datasheet HTML 7Page - ADTech ADT7350 Datasheet HTML 8Page - ADTech ADT7350 Datasheet HTML 9Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Sep. 9. 2010 / Rev. 0.0
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, VOUT=5V, L1=4.7μH, C1=10 μF, C2=22 μF, TA =25°C, Unless otherwise mentioned
Efficiency vs. Load current
Load current [A]
Load current [A]
Efficiency vs. Load current
Switching Frequency versus
Temperature
Feedback voltage versus
Temperature
Ambient Temperature[°C]
Ambient Temperature[°C]
VIN =12V
VOUT=5V
VIN =24V
VOUT=5V


Similar Part No. - ADT7350

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
   internal soft-start function
ADT7350 ADTECH-ADT7350_12 Datasheet
651Kb / 10P
   Step-down converter with integrated switching MOSFET
More results

Similar Description - ADT7350

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7350 ADTECH-ADT7350_12 Datasheet
651Kb / 10P
   Step-down converter with integrated switching MOSFET
ADT7351 ADTECH-ADT7351 Datasheet
975Kb / 15P
   step-down converter with integrated switching MOSFET
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
logo
Maxim Integrated Produc...
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
2020
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
   Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com