Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB5615PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFB5615PBF
Description  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB5615PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFB5615PBF Datasheet HTML 1Page - International Rectifier IRFB5615PBF Datasheet HTML 2Page - International Rectifier IRFB5615PBF Datasheet HTML 3Page - International Rectifier IRFB5615PBF Datasheet HTML 4Page - International Rectifier IRFB5615PBF Datasheet HTML 5Page - International Rectifier IRFB5615PBF Datasheet HTML 6Page - International Rectifier IRFB5615PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFB5615PbF
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.51mH, RG = 25Ω, IAS = 21A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ Rθ is measured at TJ of approximately 90°C.
… Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive
avalanche information
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.18
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
32
39
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-13
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
35
–––
–––
S
Qg
Total Gate Charge
–––
26
40
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.2
–––
Qgd
Gate-to-Drain Charge
–––
9.0
–––
Qgodr
Gate Charge Overdrive
–––
8.9
–––
See Fig. 6 and 19
Qsw
Switch Charge (Qgs2 + Qgd)
–––
11
–––
RG(int)
Internal Gate Resistance
–––
2.7
5.0
td(on)
Turn-On Delay Time
–––
8.9
–––
tr
Rise Time
–––
23.1
–––
td(off)
Turn-Off Delay Time
–––
17.2
–––
tf
Fall Time
–––
13.1
–––
Ciss
Input Capacitance
–––
1750
–––
Coss
Output Capacitance
–––
155
–––
Crss
Reverse Transfer Capacitance
–––
40
–––
Coss
Effective Output Capacitance
–––
175
–––
LD
Internal Drain Inductance
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energyd
mJ
IAR
Avalanche Current
Ãg
A
EAR
Repetitive Avalanche Energy g
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
80
120
ns
Qrr
Reverse Recovery Charge
–––
312
468
nC
–––
–––
–––
A
35
140
–––
–––
–––
–––
–––
7.5
µA
nA
nC
ns
MOSFET symbol
RG = 2.4Ω
VDS = 50V, ID = 21A
Conditions
and center of die contact
VDD = 75V, VGS = 10VÃe
VDS =75V
VDS = 50V
VDS = VGS, ID = 100µA
VDS = 150V, VGS = 0V
VGS = 0V, VDS = 0V to 120V
VDS = 150V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
ID = 21A
VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 21A e
TJ = 25°C, IF = 21A, VR =120V
di/dt = 100A/µs
e
TJ = 25°C, IS = 21A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
ID = 21A
Typ.
Max.
ƒ = 1.0MHz,
See Fig.5
pF
nH
4.5
–––
109
See Fig. 14, 15, 17a, 17b


Similar Part No. - IRFB5615PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB5615PBF IRF-IRFB5615PBF Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
More results

Similar Description - IRFB5615PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com