Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB4321GPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFB4321GPBF
Description  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4321GPBF Datasheet(HTML) 6 Page - International Rectifier

  IRFB4321GPBF Datasheet HTML 1Page - International Rectifier IRFB4321GPBF Datasheet HTML 2Page - International Rectifier IRFB4321GPBF Datasheet HTML 3Page - International Rectifier IRFB4321GPBF Datasheet HTML 4Page - International Rectifier IRFB4321GPBF Datasheet HTML 5Page - International Rectifier IRFB4321GPBF Datasheet HTML 6Page - International Rectifier IRFB4321GPBF Datasheet HTML 7Page - International Rectifier IRFB4321GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFB4321GPbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage Vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
10
20
30
40
IF = 33A
VR = 128V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
10
20
30
40
IF = 50A
VR = 128V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
400
800
1200
1600
2000
2400
2800
3200
IF = 33A
VR = 128V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
400
800
1200
1600
2000
2400
2800
3200
IF = 50A
VR = 128V
TJ = 125°C
TJ = 25°C


Similar Part No. - IRFB4321GPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB4321 ISC-IRFB4321 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRFB4321PBF IRF-IRFB4321PBF Datasheet
282Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
logo
Inchange Semiconductor ...
IRFB4321PBF ISC-IRFB4321PBF Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF_15 Datasheet
282Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFB4321GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com