Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXO-1S3PE-6P Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VXO-1S3PE-6P
Description  SMD VCXO LVPECL SONET, Fibre Channel, broadband access, DSL, GPON
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VXO-1S3PE-6P Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VXO-1S3PE-6P Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VXO-1S-PE-6p
SMD VCXO
LVPECL
2002/95/EC RoHS compliant
31 Mar. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: wireless communications,10 Gigabit Ethernet, SDH,
SONET, Fibre Channel, broadband access, DSL, GPON
Output frequency up to 312.5 MHz
Low jitter < 0.5 ps
Specification
Parameter
VXO-1S25PE-6p
VXO-1S3PE-6p
Frequency range
19.44 ~ 312.5 MHz
Standard frequencies
19.44, 76.80, 77.76, 106.25, 120.00, 122.88, 125.00, 153.60, 155.52
156.25, 159.375, 161.1328, 200.00, 212.5 & 256.00 MHz
Supply voltage
+2.5 V
±5 %
+3.3 V
±5 %
Supply current
30 ~ 75 mA
Frequency stability
(all inclusive) (*)
<
±25 ppm
over -20 ~ +70 °C
<
±50 ppm
over -40 ~ +85 °C
Output signal
LVPECL
Output voltage
VOH ≥ 1.475 V VOL ≤ 1.095 V
VOH ≥ 2.275 V VOL ≤ 1.680 V
Output load
50
Ω
@ Vdc - 2.0 V
Symmetry
45 ~ 55 %
@ ½ Vdc
Rise / Fall time
< 3 ns
Frequency pulling range
±50 ~ ±100 ppm
Voltage control
+1.25 V
±1.25 V
+1.65 V
±1.35 V
Enable / Disable function
Pin #2 = high or open
Pin #4 & #5
(E) signal
Pin #2 = low
Pin #4 & #5
(D) no signal
Jitter (rms)
< 0.5 ps
@ 12 kHz ~ 20 MHz from carrier frequency
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Packaging units
tape & reel
500 or 1’000 pieces
(*) All inclusive
frequency stability vs. temperature, tolerance, aging, supply & load variation
Customer specifications on request
Pin function
# 1 Vc Voltage control
# 2 E/D
# 3 GND
# 4 Output
# 5 Complementary output
# 6 Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - VXO-1S3PE-6P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VXO-1S3-4P QUARTZCOM-VXO-1S3-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S3-6P QUARTZCOM-VXO-1S3-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S3-DS-6P QUARTZCOM-VXO-1S3-DS-6P Datasheet
118Kb / 1P
   SMD VCXO LVDS Output frequency up to 312.5 MHz
More results

Similar Description - VXO-1S3PE-6P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S-DSM-6P QUARTZCOM-MCO-1S-DSM-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVDS Fibre Channel, broadband access, DSL, GPON
MCO-1S-PEM-6P QUARTZCOM-MCO-1S-PEM-6P Datasheet
123Kb / 1P
   Fibre Channel, broadband access, DSL, GPON Output frequency up to 700 MHz
logo
AiT Semiconductor Inc.
KVPM AITSEMI-KVPM Datasheet
239Kb / 1P
   SMD LVPECL VCXO
KVP3225 AITSEMI-KVP3225 Datasheet
253Kb / 1P
   SMD LVPECL VCXO
KVP7050 AITSEMI-KVP7050 Datasheet
293Kb / 1P
   SMD LVPECL VCXO
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940 Datasheet
121Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CVPD-970 CRYSTEKCRYSTAL-CVPD-970 Datasheet
126Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
logo
LinkCom Manufacturing C...
LAL2029-71 LINKCOM-LAL2029-71 Datasheet
40Kb / 1P
   Broadband Access Transformer
LAL0683-75 LINKCOM-LAL0683-75 Datasheet
79Kb / 1P
   Broadband Access Transformer
LAL2043-51 LINKCOM-LAL2043-51 Datasheet
47Kb / 1P
   Broadband Access Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com