Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22670MRE-ADJ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM22670MRE-ADJ
Description  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670MRE-ADJ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM22670MRE-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM22670MRE-ADJ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Detailed Operating Description
The LM22670 switching regulator features all of the functions
necessary to implement an efficient high voltage buck regu-
lator using a minimum of external components. This easy to
use regulator integrates a 42V N-Channel switch with an out-
put current capability of 3A. The regulator control method is
based on voltage mode control with input voltage feed for-
ward. The loop compensation is integrated into the LM22670
so that no external compensation components need to be se-
lected or utilized. Voltage mode control offers short minimum
on-times allowing short duty-cycles necessary in high input
voltage applications. The operating frequency is fixed at
500kHz to allow for small external components while avoiding
excessive switching losses. The switching frequency can be
adjusted with an external resistor from 200 kHz to 1 MHz or
it can be synchronized to an external clock up to 1 MHz. The
output voltage can be set as low as 1.285V with the -ADJ
device. Fault protection features include current limiting, ther-
mal shutdown and remote shutdown capability. The device is
available in the TO-263 THIN and PSOP-8 packages featur-
ing an exposed pad to aid thermal dissipation.
The functional block diagram with typical application of the
LM22670 are shown in Figure 1.
The internal compensation of the -ADJ option of the LM22670
is optimized for output voltages up to 5V. If an output voltage
of 5V or higher is needed, the -5.0 fixed output voltage option
with an additional external resistive feedback voltage divider
may also be used.
Precision Enable
The precision enable pin (EN) can be used to shut down the
power supply. Connecting this pin to ground or to a voltage
less than typical 1.6V will completely turn off the regulator.
The current drain from the input supply when off is typically
25 µA with 12V input voltage. The power consumed during
this off state is mostly defined by an internal 2 M
Ω resistor to
VIN. The enable pin has an internal pull-up current source of
approximately 6 µA. When driving the enable pin, the high
voltage level for the on condition should not exceed the 6V
absolute maximum limit. When enable control is not required,
the EN pin should be left floating. The precision feature en-
ables simple sequencing of multiple power supplies with a
resistor divider from another power supply.
The EN pin can also be used as an external UVLO to disable
the part when input voltage falls below a lower boundary of
operation. This is often used to prevent excessive battery dis-
charge. It can also be used to prevent early turn-on as Vin is
rising which can cause undesirable on-off toggling if Vin
droops below 4.5V during startup. Using EN as en external
UVLO is also recommended to prevent abnormal device op-
eration in applications where the input voltage falls below the
minimum operating voltage of 4.5V, during power down for
example.
Maximum Duty-Cycle / Dropout
Voltage
The typical maximum duty-cycle is 90% at 500 kHz switching
frequency. This corresponds to a typical minimum off-time of
200 ns. When operating at switching frequencies higher than
500 kHz, the 200 ns minimum off-time results in a lower max-
imum duty-cycle limit than 90%. This forced off-time is impor-
tant to provide enough time for the Cboot capacitor to charge
during each cycle.
The lowest input voltage required to maintain operation is:
Where V
D is the forward voltage drop across the re-circulating
Schottky diode and V
Q is the voltage drop across the internal
power N-FET of the LM22670. The R
DS(ON) of the FET is
specified in the electrical characteristics section of this
datasheet to calculate V
Q according to the FET current. F is
the switching frequency.
Minimum Duty-Cycle
Besides a minimum off-time, there is also a minimum on-time
which will take effect when the output voltage is adjusted very
low and the input voltage is very high. Should the operation
require an on-time shorter than minimum, individual switching
pulses will be skipped.
Pulse skipping is a normal mode of operation which appears
as a decrease in switching frequency. It has no effect on op-
eration or regulation except for an increase in output ripple
voltage. The pulse skipping function is required to maintain
proper regulation and overcurrent protection under the full
range of operating conditions.
The specified typical minimum on time of 100 ns is based on
the blanking time during current limit operation. During normal
operation, the minimum on-time will also include the effect of
propagation delay. Assume approximately 150 ns as a typical
operating minimum on time.
where D is the duty-cycle.
9
www.national.com


Similar Part No. - LM22670MRE-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22670MRE-ADJ NSC-LM22670MRE-ADJ Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM22670MRE-ADJ/NOPB TI1-LM22670MRE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670MRE-ADJ/NOPB TI1-LM22670MRE-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

Similar Description - LM22670MRE-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
   3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com