Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3020BDR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3020BDR2G
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3020BDR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3020BDR2G Datasheet HTML 5Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 6Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 7Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 8Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 9Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 10Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 11Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 12Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NCP3020A, NCP3020B
http://onsemi.com
9
DETAILED DESCRIPTION
OVERVIEW
The NCP3020A/B operates as a 300/600 kHz, voltage
mode, pulse width modulated, (PWM) synchronous buck
converter. It drives high−side and low−side N−channel power
MOSFETs. The NCP3020 incorporates an internal boost
circuit consisting of a boost clamp and boost diode to provide
supply voltage for the high side MOSFET gate driver. The
NCP3020 also integrates several protection features including
input undervoltage lockout (UVLO), output undervoltage
(OUV), output overvoltage (OOV), adjustable high−side
current limit (ISET and ILIM), and thermal shutdown (TSD).
The operational transconductance amplifier (OTA)
provides a high gain error signal from Vout which is
compared to the internal 1.5 V pk-pk ramp signal to set the
duty cycle converter using the PWM comparator. The high
side switch is turned on by the positive edge of the clock
cycle going into the PWM comparator and flip flop
following a non-overlap time. The high side switch is turned
off when the PWM comparator output is tripped by the
modulator ramp signal reaching a threshold level
established by the error amplifier. The gate driver stage
incorporates fixed non− overlap time between the high−side
and low−side MOSFET gate drives to prevent cross
conduction of the power MOSFET’s.
POR and UVLO
The device contains an internal Power On Reset (POR) and
input Undervoltage Lockout (UVLO) that inhibits the internal
logic and the output stage from operating until VCC reaches its
respective predefined voltage levels (4.3 V typical).
Startup and Shutdown
Once VCC crosses the UVLO rising threshold the device
begins its startup process. Closed−loop soft−start begins
after a 400
ms delay wherein the boost capacitor is charged,
and the current limit threshold is set. During the 400
ms delay
the OTA output is set to just below the valley voltage of the
internal ramp. This is done to reduce delays and to ensure a
consistent pre−soft−start condition. The device increases the
internal reference from 0 V to 0.6 V in 24 discrete steps
while maintaining closed loop regulation at each step. Each
step contains 64 switching cycles. Some overshoot may be
evident at the start of each step depending on the voltage
loop phase margin and bandwidth. The total soft−start time
is 6.8 ms for the NCP3020A and 4.4 ms for the NCP3020B.
Figure 21. Soft−Start Details
Internal Reference Voltage
0 V
0.7 V
OTA Output
Internal Ramp
24 Voltage Steps
25 mV Steps
0.6 V


Similar Part No. - NCP3020BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
More results

Similar Description - NCP3020BDR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com