Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS175 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74ALS175
Description  Hex/Quad D-Type Flip-Flops with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS175 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS175 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS174, DM74ALS175 Rev. 1.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
2. The symbol
↑ indicates that the rising edge of the clock is used as reference.
Symbol
Parameter
Rating
VCC
Supply Voltage
7V
VI
Input Voltage
7V
TA
Operating Free Air Temperature Range
0°C to +70°C
TSTG
Storage Temperature Range
–65°C to +150°C
θ
JA
Typical Thermal Resistance
N Package
M Package
77.9°C/W
107.3°C/W
Symbol
Parameter
Min.
Nom.
Max.
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
–0.4
mA
IOL
LOW Level Output Current
8
mA
tW
Pulse Width
Clock HIGH or LOW
10
ns
Clear LOW
10
tSETUP
Setup Time(2)
Data Input
10
ns
Clear, Inactive State
6
tHOLD
Data Hold Time(2)
0
ns
fCLOCK
Clock Frequency
0
50
MHz
TA
Free Air Operating Temperature
0
70
°C


Similar Part No. - DM74ALS175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS175M FAIRCHILD-DM74ALS175M Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175MX FAIRCHILD-DM74ALS175MX Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175N FAIRCHILD-DM74ALS175N Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175NX FAIRCHILD-DM74ALS175NX Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175SJ FAIRCHILD-DM74ALS175SJ Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
More results

Similar Description - DM74ALS175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com