Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N36M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 4N36M
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N36M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  4N36M Datasheet HTML 1Page - Fairchild Semiconductor 4N36M Datasheet HTML 2Page - Fairchild Semiconductor 4N36M Datasheet HTML 3Page - Fairchild Semiconductor 4N36M Datasheet HTML 4Page - Fairchild Semiconductor 4N36M Datasheet HTML 5Page - Fairchild Semiconductor 4N36M Datasheet HTML 6Page - Fairchild Semiconductor 4N36M Datasheet HTML 7Page - Fairchild Semiconductor 4N36M Datasheet HTML 8Page - Fairchild Semiconductor 4N36M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.2
6
Package Dimensions
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
7.62 (Typ.)
15° (Typ.)
0.20–0.30
0.20–0.30
10.16–10.80
Through Hole
0.4" Lead Spacing
Surface Mount
Rcommended Pad Layout
(1.78)
(2.54)
(1.52)
(7.49)
(10.54)
(0.76)
8.13–8.89
Note:
All dimensions in mm.
6.10–6.60
8.43–9.90
Pin 1
64
13
0.25–0.36
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
0.38 (Min.)
3.28–3.53
5.08
(Max.)
0.20–0.30
0.16–0.88
(8.13)


Similar Part No. - 4N36M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N36M FAIRCHILD-4N36M Datasheet
135Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N36M FAIRCHILD-4N36M Datasheet
277Kb / 10P
   General Purpose 6-Pin Phototransistor Optocouplers
4N36M FAIRCHILD-4N36M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N36M FAIRCHILD-4N36M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N36M FAIRCHILD-4N36M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Similar Description - 4N36M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com