Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P25814 Datasheet(PDF) 6 Page - ON Semiconductor

Part # PCS3P25814
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P25814 Datasheet(HTML) 6 Page - ON Semiconductor

  PCS3P25814 Datasheet HTML 1Page - ON Semiconductor PCS3P25814 Datasheet HTML 2Page - ON Semiconductor PCS3P25814 Datasheet HTML 3Page - ON Semiconductor PCS3P25814 Datasheet HTML 4Page - ON Semiconductor PCS3P25814 Datasheet HTML 5Page - ON Semiconductor PCS3P25814 Datasheet HTML 6Page - ON Semiconductor PCS3P25814 Datasheet HTML 7Page - ON Semiconductor PCS3P25814 Datasheet HTML 8Page - ON Semiconductor PCS3P25814 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PCS3P25811 and PCS3P25812 and PCS3P25814
Rev. 1 | Page 6 of 9 | www.onsemi.com
Application Schematic
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
12MHz
Frequency tolerance
± 30 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance(CP)
18pF
Shunt capacitance
7pF maximum
ESR
25 Ω
Note: Note: CL is Load Capacitance and Rx is used to prevent oscillations at overtone frequency of the Fundamental frequency.
Typical Crystal Interface Circuit
CL = 2*(CP – CS),
Where CP = Load capacitance of crystal
CS = Stray capacitance due to CIN, PCB, Trace etc.
1
2
6
7
FSEL
XOUT
XIN
VSS
S0
S1
VDD
PCS3P25811/12/14
4
3
8
5
Y1
12MHz
0.1µF
CL
C3
CL
Centre Spread ±0.5%
12MHz (PCS3P25811)
24MHz (PCS3P25812)
48MHz (PCS3P25814)
VDD
VDD
VDD
ModOUT
Rx
CL
CL
Crystal
R


Similar Part No. - PCS3P25814

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P25814 ONSEMI-PCS3P25814 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
More results

Similar Description - PCS3P25814

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com