Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P25814 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCS3P25814
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P25814 Datasheet(HTML) 4 Page - ON Semiconductor

  PCS3P25814 Datasheet HTML 1Page - ON Semiconductor PCS3P25814 Datasheet HTML 2Page - ON Semiconductor PCS3P25814 Datasheet HTML 3Page - ON Semiconductor PCS3P25814 Datasheet HTML 4Page - ON Semiconductor PCS3P25814 Datasheet HTML 5Page - ON Semiconductor PCS3P25814 Datasheet HTML 6Page - ON Semiconductor PCS3P25814 Datasheet HTML 7Page - ON Semiconductor PCS3P25814 Datasheet HTML 8Page - ON Semiconductor PCS3P25814 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PCS3P25811 and PCS3P25812 and PCS3P25814
Rev. 1 | Page 4 of 9 | www.onsemi.com
Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Voltage on any pin with respect to VSS
2.8
3.6
V
TA
Operating temperature
0
+70
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.8
3.3
3.6
V
VIL
Input low voltage
(S0, S1, FSEL Inputs)
Commercial Temp.
0
0.15VDD
V
Industrial Temp.
0
0.13 VDD
VIM
Input Middle Voltage (S0, S1, FSEL Inputs)
0.4VDD
0.60VDD
V
VIH
Input high voltage (S0, S1, FSEL Inputs)
0.85VDD
VDD
V
VOL
Output low voltage
(ModOUT Output)
IOL= 4mA
0.4
V
IOL= 10mA
1.2
VOH
Output high voltage
(ModOUT Output)
IOH= -4mA
2.4
V
IOH= -6mA
2
CIN
Input Capacitance (XIN And XOUT)
6
9
pF
IDD
Dynamic supply
current
(Unloaded Output)
Commercial
Temp
XIN / CLKIN = 12MHz
8
mA
XIN / CLKIN = 24MHz
10
XIN / CLKIN = 32MHz
13
Industrial
Temp
XIN / CLKIN = 12MHz
10
mA
XIN / CLKIN = 24MHz
12
XIN / CLKIN = 32MHz
15
ICC
Static supply current (XIN / CLKIN pulled to VSS)
0.5
mA
Note. The voltage on any input or I/O pin cannot exceed the power pin during power up. All parameters are specified at Commercial and Industrial
temperature unless stated otherwise.


Similar Part No. - PCS3P25814

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P25814 ONSEMI-PCS3P25814 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
More results

Similar Description - PCS3P25814

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com