Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3P25812AG-08SR Datasheet(PDF) 5 Page - ON Semiconductor

Part # P3P25812AG-08SR
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P25812AG-08SR Datasheet(HTML) 5 Page - ON Semiconductor

  P3P25812AG-08SR Datasheet HTML 1Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 2Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 3Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 4Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 5Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 6Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 7Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 8Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PCS3P25811 and PCS3P25812 and PCS3P25814
Rev. 1 | Page 5 of 9 | www.onsemi.com
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Clock frequency for PCS3P25811/12/14
4
32
MHz
fOUT
ModOUT Clock frequency for PCS3P25811
4
32
MHz
ModOUT Clock frequency for PCS3P25812
8
64
MHz
ModOUT Clock frequency for PCS3P25814
16
128
MHz
tLH1, 2
ModOUT Rise time
(Measured from 20% to 80%)
PCS3P25811/12/14
2
5
nS
PCS3P25814
When FSEL=M
1
2.2
tHL1, 2
ModOUT Fall time
(Measured from 80% to 20%)
PCS3P25811/12/14
2
4.4
nS
PCS3P25814
When FSEL=M
1
2.2
TDCIN
Input Clock Duty Cycle(XIN / CLKIN)
40
60
%
TDCOUT1, 2
Output Clock Duty Cycle (ModOUT)
40
60
%
TJC2
Cy-Cy Jitter,
For ModOUT
with Spread ON
(For Commercial
temperature
)
PCS3P25811
4MHz
600
pS
8MHz
450
PCS3P25812
16MHz
400
32MHz
380
PCS3P25814
64MHz
380
128MHz
380
Cy-Cy Jitter,
For ModOUT
with Spread ON
(For Industrial
temperature
)
PCS3P25811
PCS3P25812
PCS3P25814
CLKIN = 6MHz
500
pS
CLKIN = 12MHz
400
CLKIN = 24MHz
380
tON
2
PLL Lock Time
(Stable power supply, valid input clock
to valid Clock on ModOUT)
Commercial
Temp.
2
mS
Industrial Temp.
3
Notes: 1.Parameters are specified with 15pF loaded outputs.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - P3P25812AG-08SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P25812AG-08SR ONSEMI-P3P25812AG-08SR Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
P3P25812AG-08SR ONSEMI-P3P25812AG-08SR Datasheet
92Kb / 9P
   Spread Spectrum Clock Generator
February, 2015 ??Rev. 0
More results

Similar Description - P3P25812AG-08SR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com