Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C114G18922G5C Datasheet(PDF) 7 Page - Kemet Corporation

Part # C114G18922G5C
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C114G18922G5C Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C114G18922G5C Datasheet HTML 3Page - Kemet Corporation C114G18922G5C Datasheet HTML 4Page - Kemet Corporation C114G18922G5C Datasheet HTML 5Page - Kemet Corporation C114G18922G5C Datasheet HTML 6Page - Kemet Corporation C114G18922G5C Datasheet HTML 7Page - Kemet Corporation C114G18922G5C Datasheet HTML 8Page - Kemet Corporation C114G18922G5C Datasheet HTML 9Page - Kemet Corporation C114G18922G5C Datasheet HTML 10Page - Kemet Corporation C114G18922G5C Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
34
CERAMIC MOLDED/AXIAL
& RADIAL — MIL-PRF-20
Lead Dia.
.025
(+.004
-.002)
W
.026
MIN.
H
L
S
W
.045
MAX.
H
1.25
MIN.
L
S
W
H
1.25
MIN.
L
S
W
Center Line of leads within .030" of Center Line of case.
H
1.25
MIN.
S
.026
MIN.
L
C052 (CC05, CCR05)
C056 (CCR05)
C062 (CC06, CCR06), C512 (CC07, CCR07),
C522 (CC08, CCR08)
C066 (CCR06)
Lead Dia.
.025
(+.004
-.002)
Lead Dia.
.025
(+.004
-.002)
Lead Dia.
.025
(+.004
-.002)
1.25
MIN.
DIMENSIONS — INCHES (MILLIMETERS)
D
L
C
1.50 Min.
(38.10)
1.50 Min.
(38.10)
CAPACITOR OUTLINE DRAWINGS - (AXIAL LEADS)
CAPACITOR OUTLINE DRAWINGS (AXIAL LEADS)
CAPACITOR OUTLINE DRAWINGS (RADIAL LEADS)
DIMENSIONS — INCHES (MILLIMETERS)
For packaging information, see pages 46, 47, and 48.
Note: Leads are .625 minimum when tape and reel packaged
* 0.200 (5.08) maximum for 100,000 pF only.
Case
Size
Military
EquivalentStyles
H
Height
L
Length
W
Width
SLead
Spacing
C052/
C056
CC05, CCR05 .190 ± .010 (4.83 ± .25) .190 ± .010 (4.83 ± .25) .090 ± .010 (2.29 ± .25) .200 ± .015 (5.08 ± .38)
C062/
C066
CC06, CCR06 .290 ± .010 (7.37 ± .25) .290 ± .010 (7.37 ± .25) .090 ± .010 (2.29 ± .25) .200 ± .015 (5.08 ± .38)
C512
CC07, CCR07 .480 ± .020 (12.19 ± .51) .480 ± .020 (12.19 ± .51) *.140 ± .010 (3.56 ± .25) .400 ± .020 (10.16 ± .51)
C522
CC08, CCR08 .480 ± .020 (12.19 ± .51) .480 ± .020 (12.19 ± .51) .240 ± .010 (6.10 ± .25) .400 ± .020 (10.16 ± .51)
Case
Size
Military
Equivalent Styles
L
Length
D
Body Diameter
C
Lead Diameter
C114
CC75, CCR75
.160 ± .010 (4.06 ± .25)
.090 ± .010 (2.29 ± .25)
.020, +.000, -.003 (.51, +.00, -.08)
C124
CC76, CCR76
.250 ± .010 (6.35 ± .25)
.090 ± .010 (2.29 ± .25)
.020, +.000, -.003 (.51, +.00, -.08)
C192
CC77, CCR77
.390 ± .010 (9.91 ± .25)
.140 ± .010 (3.56 ± .25)
.025, +.004, -.001 (.64, +.10, -.025)
C202
CC78, CCR78
.500 ± .020 (12.70 ± .51)
.250 ± .015 (6.35 ± .38)
.025, +.004, -.001 (.64, +.10, -.025)
C222
CC79, CCR79
.690 ± .020 (17.53 ± .51)
.350 ± .015 (8.89 ± .38)
.025, +.004, -.001 (.64, +.10, -.025)


Similar Part No. - C114G18922G5C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114G18922G5C1 KEMET-C114G18922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
More results

Similar Description - C114G18922G5C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com