Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C320C102GC5TA Datasheet(PDF) 6 Page - Kemet Corporation

Part # C320C102GC5TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320C102GC5TA Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C320C102GC5TA Datasheet HTML 2Page - Kemet Corporation C320C102GC5TA Datasheet HTML 3Page - Kemet Corporation C320C102GC5TA Datasheet HTML 4Page - Kemet Corporation C320C102GC5TA Datasheet HTML 5Page - Kemet Corporation C320C102GC5TA Datasheet HTML 6Page - Kemet Corporation C320C102GC5TA Datasheet HTML 7Page - Kemet Corporation C320C102GC5TA Datasheet HTML 8Page - Kemet Corporation C320C102GC5TA Datasheet HTML 9Page - Kemet Corporation C320C102GC5TA Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IMPEDANCE VS FREQUENCY
110
100
1,000
0.001
0.01
1
10
100
0.1
0.1
Frequency - MHz
Impedance vs Frequency for C0G Dielectric
Figure 10.
EFFECT OF FREQUENCY
-0.1
0
+0.2
-0.2
+0.1
0.10
0.20
0.0
Frequency - Hertz
Capacitance & DF vs Frequency - C0G
Figure 8.
Typical Aging Rates for X7R & Z5U
Figure 13.
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
110
100
1000
10K
100K
EFFECT OF TIME
-10
-5
+5
-15
0
5.0
10.0
0.0
2.5
7.5
Frequency - Hertz
Capacitance & DF vs Frequency - X7R & Z5U
Figure 9.
.01 F
.001 F
1001K
10K
100K1M
10M
1001K
10K
100K1M
10M
% C
%DF
Z5U
X7R
%DF
% C
110
100
1,000
0.001
0.01
1
10
100
0.1
0.1
Frequency - MHz
Impedance vs Frequency for Z5U Dielectric
Figure 12.
110
100
1,000
0.001
0.01
1
10
100
0.1
0.1
Frequency - MHz
Impedance vs Frequency for X7R Dielectric
Figure 11.
0.1 F
1.0 F
0.1 F
.01 F
1.0 F
Impedance vs. Frequency
Leaded Ceramic C0G
0.01
0.1
1
10
100
0.1
1
1 0
100
1000
Frequency - MHz
0.01µF
0.001µF
Leaded X7R
0.01
0.1
1
10
100
0.1
1
1 0
100
1000
Frequency - MHz
0.01µF
0.1µF
Impedance vs. Frequency
1.0µF
Impedance vs. Frequency
Leaded Z5U
0.01
0.1
1
10
100
0.1
1
1 0
100
1000
Frequency - MHz
0.1µF
1.0µF
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
100%
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
X7R
Z5U
1
10
100
1000
10K
100K
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
9
APPLICATION NOTES FOR MULTILAYER
CERAMIC CAPACITORS
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
(hours)


Similar Part No. - C320C102GC5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C102GCG5TA KEMET-C320C102GCG5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102GCR5TA KEMET-C320C102GCR5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C320C102GC5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com