Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L201A1DGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC28L201A1DGG
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201A1DGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC28L201A1DGG Datasheet HTML 5Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 6Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 7Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 8Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 9Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 10Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 11Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 12Page - NXP Semiconductors SC28L201A1DGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
9 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
6.
Functional description
Refer to the block diagrams shown in Figure 1 and Figure 2.
The SC28L201 is composed of several functional blocks. They are listed in the
approximate order of hierarchy as seen from the pins of the device.
Bus interface. Motorola or Intel format
Timing circuits
I/O ports
UART
Transmitter and receiver
Transmitter real time error test
FIFO structures
Arbitrating interrupt structure
Character and address recognition
Flow control
Test and software compatibility with previous Philips UARTs
6.1 Brief description of functional blocks
6.1.1 Bus interface: the two basic modes of bus interface
The bus interface operates in ‘68000’ or ‘86xxx’ format as selected by the MODE_IM pin.
The signals used by this section are the Address, Data bus, Chip select, read/write, Data
acknowledge and Interrupt acknowledge and Interrupt request. Assertion of DACKN
requires two edges of the SCLK after the assertion of CEN. The default mode is the
86xxx mode. Pin or register programming may change it to the 68000 mode.
I/O6B
29
I/O
Additional general-purpose I/O pins. They are similar to the above without any
connection to the data path or clocks. They have Change-Of-State (COS) detectors
and will generate interrupts if enabled.
I/O4B to I/O2B
30, 31, 32
I/O0B
33
VDD
1, 13, 24,
34
power
Power supply (4 pins). +3.3 V
± 10 % or +5.0 V ± 10 % supply input. Operation is
assured from 2.97 V or 5.5 V. Timing parameters are specified with respect to the
VDD being at 3.3 V ± 10 % or 5.0 V ± 10 %.
VSS
2, 14, 25,
35, 36
power
Ground (5 pins)
Table 3:
Pin description for 68000 bus interface (Motorola) …continued
See Figure 4.
Symbol
Pin
Type
Description


Similar Part No. - SC28L201A1DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1 PHILIPS-SC28L202A1 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1B PHILIPS-SC28L202A1B Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1D PHILIPS-SC28L202A1D Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
More results

Similar Description - SC28L201A1DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com