Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF512 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF512
Description  Blackfin Embedded Processor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF512 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF512 Datasheet HTML 1Page - Analog Devices ADSP-BF512 Datasheet HTML 2Page - Analog Devices ADSP-BF512 Datasheet HTML 3Page - Analog Devices ADSP-BF512 Datasheet HTML 4Page - Analog Devices ADSP-BF512 Datasheet HTML 5Page - Analog Devices ADSP-BF512 Datasheet HTML 6Page - Analog Devices ADSP-BF512 Datasheet HTML 7Page - Analog Devices ADSP-BF512 Datasheet HTML 8Page - Analog Devices ADSP-BF512 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Preliminary Technical Data
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF512/BF514/BF516/BF518(F)
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2009 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 400 MHz high-performance Blackfin
® processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Wide range of operating voltages. See Operating Conditions
on Page 23
168-ball CSP_BGA
176-lead LQFP with exposed pad
MEMORY
116K bytes of on-chip memory
External memory controller with glueless support for SDRAM
and asynchronous 8-bit and 16-bit memories
Optional 4 Mbit on-chip SPI flash with boot option
Flexible booting options from internal SPI flash, OTP mem-
ory, external SPI/parallel memories, or from SPI/UART host
devices
Code security with Lockbox
TM secure technology
One-time-programmable (OTP) memory
Memory management unit providing memory protection
PERIPHERALS
IEEE 802.3-compliant 10/100 Ethernet MAC with IEEE 1588
support (ADSP-BF518 only)
Parallel peripheral interface (PPI), supporting ITU-R 656
video data formats
2 dual-channel, full-duplex synchronous serial ports
(SPORTs), supporting 8 stereo I
2S channels
12 peripheral DMAs, 2 mastered by the Ethernet MAC
2 memory-to-memory DMAs with external request lines
Event handler with 56 interrupt inputs
2 serial peripheral interfaces (SPI)
Removable storage interface (RSI) controller for MMC, SD,
SDIO, and CE-ATA
2 UARTs with IrDA
® support
Two-wire interface (TWI) controller
Eight 32-bit timers/counters with PWM support
Three-phase 16-bit center-based PWM unit
32-bit general-purpose counter
Real-time clock (RTC) and watchdog timer
32-bit core timer
40 general-purpose I/Os (GPIOs)
Debug/JTAG interface
On-chip PLL capable of 0.5 to 64
frequency multiplication
JTAG TEST AND EMULATION
PERIPHERAL
ACCESS BUS
OTP
3-PHASE PWM
WATCHDOG TIMER
RTC
TWI
SPORT1-0
RSI (SDIO)
PPI
UART1–0
SPI0
4 Mbit SPI Flash
(See Table 1)
SPI1
TIMER7–0
COUNTER
EMAC
BOOT
ROM
DMA
EXTERNAL
BUS
INTERRUPT
CONTROLLER
DMA
CONTROLLER
L1
DATA
MEMORY
L1
INSTRUCTION
MEMORY
16
DMA CORE BUS
EXTERNAL ACCESS BUS
EXTERNAL PORT
FLASH, SDRAM CONTROL
PORTS
B


Similar Part No. - ADSP-BF512

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF512 AD-ADSP-BF512 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF512 AD-ADSP-BF512 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF512BBCZ-3 AD-ADSP-BF512BBCZ-3 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF512BBCZ-3 AD-ADSP-BF512BBCZ-3 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF512BBCZ-4 AD-ADSP-BF512BBCZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results

Similar Description - ADSP-BF512

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com