Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF525C Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF525C
Description  Blackfin Embedded Processor 289-ball MBGA package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices ADSP-BF525C Datasheet HTML 10Page - Analog Devices ADSP-BF525C Datasheet HTML 11Page - Analog Devices ADSP-BF525C Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Rev. PrC
|
Page 8 of 44
|
June 2008
ADSP-BF523C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
inputs. These allow a matched interface to the multi-bit over-
sampling ADC and prevent high frequencies from aliasing into
the audio band to degrade performance.
Software control for MICIN is shown in Table 2. The micro-
phone mute only mutes the input to the ADC, which allows the
microphone input signal to pass to the line output in sidetone
mode.
There are two stages of gain made up of two low noise inverting
operational amplifiers.
The first stage has a nominal gain of G1 = 50 kΩ/10 kΩ =5. The
gain of the stage can be adjusted by adding an external resistor
(Rmic) in series with MICIN (see Figure 6 on Page 9). The equa-
tion below can be used to calculate the gain versus Rmic.
Gain = 50 kΩ/(Rmic + 10 kΩ)
Or to calculate the value of Rmic to achieve a given gain:
Rmic = (50 kΩ/Gain)–10 kΩ
For example adding Rmic =40kΩ sets the gain of stage one to 1x
(0 dB). For Rmic = 90 kΩ gain = 0.5 (–6 dB) and for Rmic = 0 gain
= 5x (14 dB).
The internal 50 kΩ and 10 kΩ resistors have a tolerance of 15%.
The second stage has 0 dB gain that can be software configured
to provide a fixed 20 dB of gain for low sensitivity microphones.
The microphone input can therefore be configured with a vari-
able gain of between –6 dB and 14 dB on the first stage, and an
additional fixed 0 dB or 20 dB on the second stage. This allows a
total gain of –6 dB to 34 dB.
To maximize the signal-to-noise ratio, stage 1 and stage 2 gains
should be configured so that the maximum signal that the ADC
receives is equal to the full scale value. The ADC full scale input
is 1.0 V(rms) at AVDD = 3.3 volts. Any voltage greater than full
scale could overload the ADC and cause distortion. The full
scale input tracks directly with AVDD.
The microphone input is biased internally through the opera-
tional amplifier to VMID. Whenever the line inputs are muted
the MICIN input is kept biased to VMID using special anti-
thump circuitry. This reduces audible clicks that may otherwise
be heard when re-activating the input.
Table 1. Line Input Software Control
Register Address Bit Label
Default Description
000 0000
Left Line In
4:0 LINVOL[4:0] 10111
( 0 dB )
Left Channel Line Input Volume Control
11111 = +12 dB in 1.5 dB steps down to 00000 =
34.5 dB
7
LINMUTE
1
Left Channel Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
8
LRINBOTH
0
Left to Right Channel Line Input Volume and Mute Data Load Control
1 = Enable Simultaneous Load of LINVOL[4:0] and LINMUTE to RINVOL[4:0] and RINMUTE
0 = Disable Simultaneous Load
000 0001
Right Line In
4:0 RINVOL[4:0] 10111
( 0 dB )
Right Channel Line Input Volume Control
11111 = +12 dB in 1.5 dB steps down to 00000 =
34.5 dB
7
RINMUTE
1
Right Channel Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
8
RLINBOTH
0
Right to Left Channel Line Input Volume and Mute Data Load Control
1 = Enable Simultaneous Load of RINVOL[4:0] and RINMUTE to LINVOL[4:0] and LINMUTE
0 = Disable Simultaneous Load
Figure 5. Microphone Input Internal Circuit
Table 2. Microphone Input Software Control
Register
Address
Bit Label
Default Description
000 0100 0
MICBOOST 0
Microphone Input
Level Boost
1 = Enable Boost
0 = Disable Boost
1
MUTEMIC
1
Microphone Mute to ADC
1 = Enable Mute
0 = Disable Mute
TO ADC
+
-
+
-
MICIN
10 K
50 K
VMID
VMID


Similar Part No. - ADSP-BF525C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF525C AD-ADSP-BF525C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-BF525C AD-ADSP-BF525C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF525C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com