Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR910NP-220MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR910NP-220MC
Description  SMD Power Inductor RoHS and Halogen-Free Compliance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR910NP-220MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR910NP-220MC Datasheet HTML 1Page - Sumida Corporation CDR910NP-220MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics specification.
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDR910
CDR910
CDR910
CDR910
※1. Saturation Current: The DC current at which the inductance decreases to 90% of it's nominal value.
※2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
CDR910NP-180MC
180
18±20%
49m (39m)
4.80(6.00)
2.92(3.40)
CDR910NP-220MC
220
22±20%
56m (45m)
4.24(5.30)
2.88(3.30)
CDR910NP-330MC
330
33±20%
68m (54m)
3.52(4.40)
2.60(2.95)
CDR910NP-470MC
470
47±20%
100m (80m)
2.92(3.65)
2.19(2.49)
CDR910NP-680MC
680
68±20%
0.148 (0.118)
2.40(3.00)
1.70(1.95)
CDR910NP-101MC
101
100±20%
0.190 (0.152)
2.00(2.50)
1.47(1.67)
CDR910NP-151MC
151
150±20%
0.296 (0.237)
1.60(2.00)
1.17(1.33)
CDR910NP-221MC
221
220±20%
0.435 (0.348)
1.34(1.68)
0.93(1.02)
CDR910NP-331MC
331
330±20%
0.681 (0.545)
1.10(1.38)
0.80(0.90)
CDR910NP-471MC
471
470±20%
0.843 (0.674)
0.94(1.18)
0.70(0.80)
CDR910NP-681MC
681
680±20%
1.26 (1.05)
0.82(1.02)
0.50(0.58)
CDR910NP-102MC
102
1000±20%
1.84 (1.53)
0.60(0.76)
0.36(0.42)
Saturation
Current
(A)※1
Temperature
rise current
(A)
※2
Stamp
Part Name
Inductance
100kHz/1V
(
µH )
D.C.R.( )
Max.(Typ.)
(at 20
℃)


Similar Part No. - CDR910NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR910NP-220MC SUMIDA-CDR910NP-220MC Datasheet
59Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDR910NP-220MC

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
2220B104K500CT WALSIN-2220B104K500CT Datasheet
1Mb / 10P
   Halogen Free & RoHS Compliance
HT15G100J500CT WALSIN-HT15G100J500CT Datasheet
3Mb / 11P
   Halogen Free & RoHS Compliance
logo
Shanghai Leiditech Elec...
BMRA00040412 LEIDITECH-BMRA00040412 Datasheet
4Mb / 24P
   RoHS, Halogen Free and REACH Compliance
logo
Sumida Corporation
CDRH26D11 SUMIDA-CDRH26D11_10 Datasheet
202Kb / 2P
   Magnetically shielded RoHS and Halogen-Free Compliance
CDH23D09 SUMIDA-CDH23D09_10 Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com