Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA152X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA152X
Description  SMPS ICs for low-power systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA152X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA152X Datasheet HTML 4Page - NXP Semiconductors TEA152X Datasheet HTML 5Page - NXP Semiconductors TEA152X Datasheet HTML 6Page - NXP Semiconductors TEA152X Datasheet HTML 7Page - NXP Semiconductors TEA152X Datasheet HTML 8Page - NXP Semiconductors TEA152X Datasheet HTML 9Page - NXP Semiconductors TEA152X Datasheet HTML 10Page - NXP Semiconductors TEA152X Datasheet HTML 11Page - NXP Semiconductors TEA152X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
8 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
8.10 OverVoltage Protection (OVP)
Overvoltage protection can be achieved in the application by pulling pin REG above its
normal operation level. The current primary stroke is terminated immediately, and no new
primary stroke is started until the voltage on pin REG drops to its normal operation level.
Pin REG has an internal clamp. The current feed into this pin must be limited.
8.11 Output characteristics of complete power-plug
Typical characteristics:
Output power: A wide range of output power levels can be handled by choosing the
RDS(on) and package of the TEA152x family. Power levels up to 30 W can be realized.
Accuracy: The accuracy of the complete converter, functioning as a voltage source
with primary sensing, is approximately 8 % (mainly dependent on the transformer
coupling). The accuracy with secondary sensing is defined by the accuracy of the
external components. For safety requirements in case of optocoupler feedback loss,
the primary sensing remains active when an overvoltage circuit is connected.
Efficiency: An efficiency of 75 % at maximum output power can be achieved for a
complete converter designed for universal mains.
Ripple: A minimum ripple is obtained in a system designed for a maximum duty factor
of 50 % under normal operating conditions, and a minimized dead time. The
magnitude of the ripple in the output voltage is determined by the frequency and duty
factor of the converter, the output current level and the value and ESR of the output
capacitor.
8.12 Input characteristics of complete power-plug
Typical characteristics:
The input voltage range comprises the universal AC mains (80 V to 276 V)


Similar Part No. - TEA152X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152XAJM PHILIPS-TEA152XAJM Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XP PHILIPS-TEA152XP Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XT PHILIPS-TEA152XT Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
More results

Similar Description - TEA152X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com