Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM5964-45SL Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TIM5964-45SL
Description  MICROWAVE POWER GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM5964-45SL Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TIM5964-45SL_06 Datasheet HTML 1Page - Toshiba Semiconductor TIM5964-45SL_06 Datasheet HTML 2Page - Toshiba Semiconductor TIM5964-45SL_06 Datasheet HTML 3Page - Toshiba Semiconductor TIM5964-45SL_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE POWER GaAs FET
MICROWAVE SEMICONDUCTOR
TIM5964-45SL
TECHNICAL DATA
FEATURES
n LOW INTERMODULATION DISTORTION
n HIGH GAIN
IM3=-45 dBc at Pout= 35.5dBm
G1dB=9.0dB at 5.9GHz to 6.4GHz
Single Carrier Level
n BROAD BAND INTERNALLY MATCHED FET
n HIGH POWER
n HERMETICALLY SEALED PACKAGE
P1dB=46.5dBm at 5.9GHz to 6.4GHz
RF PERFORMANCE SPECIFICATIONS
( Ta= 25
°C )
CHARACTERISTICS
SYMBOL
CONDITIONS
UNIT
MIN.
TYP. MAX.
Output Power at 1dB Gain
Compression Point
P1dB
dBm
46.0
46.5
Power Gain at 1dB Gain
Compression Point
G1dB
dB
8.0
9.0
Drain Current
IDS
A
9.6
10.8
Gain Flatness
∆G
dB
±0.8
Power Added Efficiency
ηadd
VDS=10V
f = 5.9 to 6.4GHz
%
41
3rd Order Intermodulation
Distortion
IM3
Two-Tone Test
Po=35.5dBm
(Single Carrier Level)
dBc
-42
-45
Channel Temperature Rise
∆Tch
(VDS X IDS + Pin – P1dB)
X Rth(c-c)
°C
100
Recommended Gate Resistance(Rg) : 28
Ω (Max.)
ELECTRICAL CHARACTERISTICS
( Ta= 25
°C )
CHARACTERISTICS
SYMBOL
CONDITIONS
UNIT
MIN.
TYP.
MAX.
Transconductance
gm
VDS= 3V
IDS= 11.0A
mS
8000
Pinch-off Voltage
VGSoff
VDS= 3V
IDS= 170mA
V
-1.0
-2.5
-4.0
Saturated Drain Current
IDSS
VDS= 3V
VGS= 0V
A
24
Gate-Source Breakdown
Voltage
VGSO
IGS= -500
µA
V
-5
Thermal Resistance
Rth(c-c)
Channel to Case
°C/W
0.8
1.2
u
The information contained herein is presented only as a guide for the applications of our products. No responsibility is
assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others.
The information contained herein is subject to change without prior notice. It is therefor advisable to contact TOSHIBA
before proceeding with design of equipment incorporating this product.
Rev. Jul. 2006


Similar Part No. - TIM5964-45SL_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM5964-45SL TOSHIBA-TIM5964-45SL Datasheet
165Kb / 5P
   MICROWAVE POWR GaAs FET
More results

Similar Description - TIM5964-45SL_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com