Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM6472-35SL Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TIM6472-35SL
Description  MICROWAVE POWER GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM6472-35SL Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TIM6472-35SL_06 Datasheet HTML 1Page - Toshiba Semiconductor TIM6472-35SL_06 Datasheet HTML 2Page - Toshiba Semiconductor TIM6472-35SL_06 Datasheet HTML 3Page - Toshiba Semiconductor TIM6472-35SL_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TIM6472-35SL
VDS=10V
IDS
≅8.0A
Pin=37.5dBm
Output Power(Pout) vs. Input Power(Pin)
freq.=7.2GHz
VDS=10V
IDS=8.0A
Pout
ηadd
Pin(dBm)
RF PERFORMANCES
46
45
44
43
42
41
40
39
80
70
60
50
40
30
20
10
32
34
36
38
Frequency (GHz)
6.4
6.6
6.8
7.0
7.2
46
45
44
43
Output Power (Pout) vs. Frequency


Similar Part No. - TIM6472-35SL_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM6472-35SL TOSHIBA-TIM6472-35SL Datasheet
133Kb / 4P
   MICROWAVE POWER GaAs FET
More results

Similar Description - TIM6472-35SL_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com