Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R61A104K01D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # GRM155R61A104K01D
Description  Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GRM155R61A104K01D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  GRM155R61A104K01D Datasheet HTML 1Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 2Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 3Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 4Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 5Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 6Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 7Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 8Page - Freescale Semiconductor, Inc GRM155R61A104K01D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMG20271HT1
5
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS: 2140 MHz
37
45
41
2040
2090
2140
2190
2240
43
39
VDD =5 Vdc
TC =--40°C
25°C
85°C
14
18
2000
f, FREQUENCY (MHz)
Figure 4. Small--Signal Gain (S21) versus
Frequency
VDD =5 Vdc
16
17
15
2075
2150
2225
2300
TC =--40°C
85°C
25°C
--17
--13
f, FREQUENCY (MHz)
Figure 5. Input Return Loss (S11) versus
Frequency
--15
VDD =5 Vdc
2000
2075
2150
2225
2300
--14
--16
TC =--40°C
85°C
25°C
--24
--16
f, FREQUENCY (MHz)
Figure 6. Output Return Loss (S22) versus
Frequency
--20
VDD =5 Vdc
2000
2075
2150
2225
2300
--18
--22
TC =85°C
--40°C
25°C
25
29
27
26
f, FREQUENCY (MHz)
Figure 7. P1dB versus Frequency
28
VDD =5 Vdc
TC =--40°C
25°C
85°C
2040
2090
2140
2190
2240
f, FREQUENCY (MHz)
Figure 8. Third Order Output Intercept Point
versus Frequency
0
2.4
f, FREQUENCY (MHz)
Figure 9. Noise Figure versus Frequency
1.2
0.6
VDD =5 Vdc
TC =85°C
25°C
--40°C
1.8
2000
2075
2150
2225
2300


Similar Part No. - GRM155R61A104K01D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GRM155R61A104K01D NXP-GRM155R61A104K01D Datasheet
476Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results

Similar Description - GRM155R61A104K01D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MMG15241HT1 FREESCALE-MMG15241HT1 Datasheet
766Kb / 18P
   Enhancement Mode pHEMT Technology (E-pHEMT)
MML20211HT1 FREESCALE-MML20211HT1 Datasheet
513Kb / 20P
   Enhancement Mode pHEMT Technology (E--pHEMT)
logo
NXP Semiconductors
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MML25231H NXP-MML25231H Datasheet
418Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S257 AVAGO-AFEM-S257 Datasheet
191Kb / 14P
   GaAs E-pHEMT, pHEMT and FBAR technology
logo
Qorvo, Inc
RFCA3828 QORVO-RFCA3828 Datasheet
1Mb / 12P
   75 High Linearity pHEMT MMIC Amplifier
logo
RF Micro Devices
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
   75廓 High Linearity pHEMT MMIC Amplifier
logo
Microsemi Corporation
LX5560 MICROSEMI-LX5560 Datasheet
179Kb / 8P
   InGaAs - E-Mode pHEMT Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com