Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T492D156J005CC4251 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T492D156J005CC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492D156J005CC4251 Datasheet(HTML) 5 Page - Kemet Corporation

  T492D156J005CC4251 Datasheet HTML 1Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 2Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 3Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 4Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 5Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 6Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 7Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 8Page - Kemet Corporation T492D156J005CC4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
55
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
Mil-C-55365/4F
Part Number
DC
Leakage
DF
ESR
Moisture
Sensitivity
105ºC
120Hz
KEMET/EIA
(See below for
part options)
(See below for
part options)
+20ºC
+20ºC 120Hz +20ºC 100kHz
Temp≤260ºC
VDC
µF
µAmps
% Max
mOhms
J-STD-020D
4
2.2
A/3216-18
T492A225(1)004(2)(3)(4)
CWR11C(6)225(1)(2)(5)
0.1
6.0
8.0
1.0
4
4.7
A/3216-18
T492A475(1)004(2)(3)(4)
CWR11C(6)475(1)(2)(5)
0.2
6.0
8.0
1.0
4
6.8
B/3528-20
T492B685(1)004(2)(3)(4)
CWR11C(6)685(1)(2)(5)
0.3
6.0
5.5
1.0
4
10
B/3528-20
T492B106(1)004(2)(3)(4)
CWR11C(6)106(1)(2)(5)
0.4
6.0
4.0
1.0
4
15
B/3528-20
T492B156(1)004(2)(3)(4)
CWR11C(6)156(1)(2)(5)
0.6
6.0
3.5
1.0
4
33
C/6032-28
T492C336(1)004(2)(3)(4)
CWR11C(6)336(1)(2)(5)
1.3
6.0
2.2
1.0
4
68
D/7343-31
T492D686(1)004(2)(3)(4)
CWR11C(6)686(1)(2)(5)
2.7
6.0
1.1
1.0
4
100
D/7343-31
T492D107(1)004(2)(3)(4)
CWR11C(6)107(1)(2)(5)
4.0
8.0
0.9
1.0
6.3
1.5
A/3216-18
T492A155(1)006(2)(3)(4)
CWR11D(6)155(1)(2)(5)
0.1
6.0
8.0
1.0
6.3
2.2
A/3216-18
T492A225(1)006(2)(3)(4)
CWR11D(6)225(1)(2)(5)
0.1
6.0
8.0
1.0
6.3
3.3
A/3216-18
T492A335(1)006(2)(3)(4)
CWR11D(6)335(1)(2)(5)
0.2
6.0
8.0
1.0
6.3
4.7
B/3528-20
T492B475(1)006(2)(3)(4)
CWR11D(6)475(1)(2)(5)
0.3
6.0
5.5
1.0
6.3
6.8
B/3528-20
T492B685(1)006(2)(3)(4)
CWR11D(6)685(1)(2)(5)
0.4
6.0
4.5
1.0
6.3
10
B/3528-20
T492B106(1)006(2)(3)(4)
CWR11D(6)106(1)(2)(5)
0.6
6.0
3.5
1.0
6.3
15
C/6032-28
T492C156(1)006(2)(3)(4)
CWR11D(6)156(1)(2)(5)
0.9
6.0
3.0
1.0
6.3
22
C/6032-28
T492C226(1)006(2)(3)(4)
CWR11D(6)226(1)(2)(5)
1.4
6.0
2.2
1.0
6.3
47
D/7343-31
T492D476(1)006(2)(3)(4)
CWR11D(6)476(1)(2)(5)
3.0
6.0
1.1
1.0
6.3
68
D/7343-31
T492D686(1)006(2)(3)(4)
CWR11D(6)686(1)(2)(5)
4.3
6.0
0.9
1.0
10
1
A/3216-18
T492A105(1)010(2)(3)(4)
CWR11F(6)105(1)(2)(5)
0.1
4.0
10.0
1.0
10
1.5
A/3216-18
T492A155(1)010(2)(3)(4)
CWR11F(6)155(1)(2)(5)
0.2
6.0
8.0
1.0
10
2.2
A/3216-18
T492A225(1)010(2)(3)(4)
CWR11F(6)225(1)(2)(5)
0.2
6.0
8.0
1.0
10
3.3
B/3528-20
T492B335(1)010(2)(3)(4)
CWR11F(6)335(1)(2)(5)
0.3
6.0
5.5
1.0
10
4.7
B/3528-20
T492B475(1)010(2)(3)(4)
CWR11F(6)475(1)(2)(5)
0.5
6.0
4.5
1.0
10
6.8
B/3528-20
T492B685(1)010(2)(3)(4)
CWR11F(6)685(1)(2)(5)
0.7
6.0
3.5
1.0
10
15
C/6032-28
T492C156(1)010(2)(3)(4)
CWR11F(6)156(1)(2)(5)
1.5
6.0
2.5
1.0
10
33
D/7343-31
T492D336(1)010(2)(3)(4)
CWR11F(6)336(1)(2)(5)
3.3
6.0
1.1
1.0
10
47
D/7343-31
T492D476(1)010(2)(3)(4)
CWR11F(6)476(1)(2)(5)
4.7
6.0
0.9
1.0
15
0.68
A/3216-18
T492A684(1)015(2)(3)(4)
CWR11H(6)684(1)(2)(5)
0.1
4.0
12.0
1.0
15
1
A/3216-18
T492A105(1)015(2)(3)(4)
CWR11H(6)105(1)(2)(5)
0.2
4.0
10.0
1.0
15
1.5
A/3216-18
T492A155(1)015(2)(3)(4)
CWR11H(6)155(1)(2)(5)
0.2
6.0
8.0
1.0
15
2.2
B/3528-20
T492B225(1)015(2)(3)(4)
CWR11H(6)225(1)(2)(5)
0.3
6.0
5.5
1.0
15
3.3
B/3528-20
T492B335(1)015(2)(3)(4)
CWR11H(6)335(1)(2)(5)
0.5
6.0
5.0
1.0
15
4.7
B/3528-20
T492B475(1)015(2)(3)(4)
CWR11H(6)475(1)(2)(5)
0.7
6.0
4.0
1.0
15
10
C/6032-28
T492C106(1)015(2)(3)(4)
CWR11H(6)106(1)(2)(5)
1.5
6.0
2.5
1.0
15
22
D/7343-31
T492D226(1)015(2)(3)(4)
CWR11H(6)226(1)(2)(5)
3.3
6.0
1.1
1.0
15
33
D/7343-31
T492D336(1)015(2)(3)(4)
CWR11H(1)336(1)(2)(5)
5.0
6.0
0.9
1.0
20
0.47
A/3216-18
T492A474(1)020(2)(3)(4)
CWR11J(6)474(1)(2)(5)
0.1
4.0
14.0
1.0
20
0.68
A/3216-18
T492A684(1)020(2)(3)(4)
CWR11J(6)684(1)(2)(5)
0.1
4.0
12.0
1.0
20
1
A/3216-18
T492A105(1)020(2)(3)(4)
CWR11J(6)105(1)(2)(5)
0.2
4.0
10.0
1.0
20
1.5
B/3528-20
T492B155(1)020(2)(3)(4)
CWR11J(6)155(1)(2)(5)
0.3
6.0
6.0
1.0
20
2.2
B/3528-20
T492B225(1)020(2)(3)(4)
CWR11J(6)225(1)(2)(5)
0.4
6.0
5.0
1.0
20
3.3
B/3528-20
T492B335(1)020(2)(3)(4)
CWR11J(6)335(1)(2)(5)
0.7
6.0
4.0
1.0
20
4.7
C/6032-28
T492C475(1)020(2)(3)(4)
CWR11J(6)475(1)(2)(5)
0.9
6.0
3.0
1.0
20
6.8
C/6032-28
T492C685(1)020(2)(3)(4)
CWR11J(6)685(1)(2)(5)
1.4
6.0
2.4
1.0
20
15
D/7343-31
T492D156(1)020(2)(3)(4)
CWR11J(6)156(1)(2)(5)
3.0
6.0
1.1
1.0
20
22
D/7343-31
T492D226(1)020(2)(3)(4)
CWR11J(6)226(1)(2)(5)
4.4
6.0
0.9
1.0
25
0.33
A/3216-18
T492A334(1)025(2)(3)(4)
CWR11K(6)334(1)(2)(5)
0.1
4.0
15.0
1.0
VDC
µF
KEMET/EIA
(see below for
part options)
(see below for
part options)
µAmps
% Max
mOhms
J-STD-020A
105ºC
120Hz
+20ºC
+20ºC
+20ºC 100kHz
Temp≤260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
Mil-C-55365/4F Part
Number
DC
Leakage
DF
ESR
Moisture
Sensitivity
Other part number options:
Where the 10th character equal to K (10% tolerance) is also available in M (20% tolerance).
Where the 10th character equal to M (20% tolerance) is only available in M (20% tolerance).
Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H)
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Table 1 – Ratings & Part Number Reference
T
492
D
156
K
020
A
C
4251
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/Design
Lead Material
Surge (C-Spec)
T =
Tantalum
CWR 11
Established
Reliability
A = 3216-18
B = 3258-19
C = 6032-25
D = 7343-31
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
J = ±5%
K = ±10%
M = ±20%
006 = 6.3V
010 = 10V
015 = 15V
020 = 20V
025 = 25V
035 = 35V
050 = 50V
A = N/A
B = 0.1%/1000 hrs
C = .01%/1000 hrs
D = .001%/1000 hrs
C = Hot Solder Dipped
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
B = Gold Plated
K = Solder Fused
4250= 25C after
Weibull
4251 = -55C and
85C after Weibull
4252 = -55C and
85C before Weibull
Roll Over for
Order Info.


Similar Part No. - T492D156J005CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492D105J035BB4250 KEMET-T492D105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492D105J035BB4251 KEMET-T492D105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492D105J035BB4252 KEMET-T492D105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492D105J035BC4250 KEMET-T492D105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492D105J035BC4251 KEMET-T492D105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492D156J005CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com