Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265HRTZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6265HRTZ
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6265HRTZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6265HRTZ Datasheet HTML 2Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 3Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 4Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 5Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 6Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 7Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 8Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 9Page - Intersil Corporation ISL6265HRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN6599.1
May 13, 2009
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . . . . . . -0.3 - +7V
Battery Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28V
Boot Voltage (BOOT) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
Boot to Phase Voltage (BOOT-PHASE). . . . . . . . -0.3V to +7V(DC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +9V (<10ns)
Phase Voltage (PHASE) . . . . . . . . . -7V (<20ns Pulse Width, 10µJ)
UGATE Voltage (UGATE) . . . . . . . . . PHASE -0.3V (DC) to BOOT
LGATE Voltage (LGATE) . . . . . . . . . . . . . -0.3V (DC) to VCC + 0.3V
ALL Other Pins. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Open Drain Outputs, PGOOD . . . . . . . . . . . . . . . . . . . . . -0.3 - +7V
Thermal Resistance (Typical, Notes 1, 2)
θ
JA (°C/W)
θ
JC (°C/W)
TQFN Package . . . . . . . . . . . . . . . . . .
30
1.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V to 24V
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . -10°C to +100°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . -10°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VCC = PVCC = 5V, VIN = 12V, TA = -10°C to +100°C; Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVCC
EN = 3.3V
-
7.8
10
mA
EN = 0V
-
-
1
µA
POR (Power-On Reset) Threshold
VCC PORr
VCC Rising
-
4.35
4.5
V
VCC PORf
VCC Falling
3.9
4.1
-
V
Battery Supply Current (VIN)
IVIN
EN = 0V, VIN = 24V
-
-
1
µA
SYSTEM AND REFERENCES
System Accuracy
(Vcore0, Vcore1, Vcore_NB)
%Error
(VCORE)
No load, closed loop, active mode VID = 0.75V to 1.55V
-0.5
-
0.5
%
VID = 0.50V to 0.7375V
-5
-
+5
mV
RBIAS Voltage
RRBIAS
RRBIAS = 117kΩ
1.15
1.17
1.19
V
Maximum Output Voltage (Note 3)
VCOREx
(max)
SVID = [000_0000b]
-
1.55
-
V
Minimum Output Voltage (Note 3)
VCOREx
(min)
SVID = [101_0100b]
-
0.500
-
V
CHANNEL FREQUENCY
Nominal CORE Switching Frequency
fSW_core0
VIN = 15.5V, VDAC = 1.55V, VFB0 = 1.60V,
force Vcomp_0 =2V, RVW = 6.81kΩ, 2-Phase Operation
285
300
315
kHz
Nominal NB Switching Frequency
fSW_core_NB RFSET_NB = 22.1kΩ, CFSET_NB = 1nF, VDAC = 0.5V,
Vsen_nb = 0.51V
285
300
315
kHz
Core Frequency Adjustment Range
200
-
500
kHz
NB Frequency Adjustment Range
200
-
500
kHz
AMPLIFIERS (Note 3)
Error Amp DC Gain
AV0
-90-
dB
Error Amp Gain-Bandwidth Product
GBW
CL = 20pF
-
18
-
MHz
Error Amp Slew Rate
SR
CL = 20pF
-
5.0
-
V/µs
ISL6265


Similar Part No. - ISL6265HRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265HRTZ RENESAS-ISL6265HRTZ Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265HRTZ-T RENESAS-ISL6265HRTZ-T Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com