Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T492B156M005CC4251 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T492B156M005CC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492B156M005CC4251 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T492B156M005CC4251 Datasheet HTML 7Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 8Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 9Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 10Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 11Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 12Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 13Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 14Page - Kemet Corporation T492B156M005CC4251 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
11
11
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Tape & Reel Packaging Information
KEMET’s Molded Tantalum and Aluminum Chip Capacitor families
are packaged in 8 mm and 12 mm plastic tape on 7" and 13"
reels, in accordance with EIA Standard 481-1: Taping of Surface
Mount Components for Automatic Handling. This packaging
system is compatible with all tape fed automatic pick and place
systems.
Table 4 – Packaging Quantity
Case Code
Tape
Width-mm 7" Reel*
13" Reel*
KEMET
EIA
R
2012-12
8
2,500
10,000
I
3216-10
8
3,000
12,000
S
3216-12
8
2,500
10,000
T
3528-12
8
2,500
10,000
M
3528-15
8
2,000
8,000
U
6032-15
12
1,000
5,000
L
6032-19
12
1,000
5,000
W
7343-15
12
1,000
3,000
Z
7343-17
12
1,000
3,000
V
7343-20
12
1,000
3,000
A
3216-18
8
2,000
9,000
B
3528-21
8
2,000
8,000
C
6032-28
12
500
3,000
D
7343-31
12
500
2,500
Y
7343-40
12
500
2,000
X
7343-43
12
500
2,000
E
7260-38
12
500
2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging.


Similar Part No. - T492B156M005CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492B105J035BB4250 KEMET-T492B105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4251 KEMET-T492B105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4252 KEMET-T492B105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4250 KEMET-T492B105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4251 KEMET-T492B105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492B156M005CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com