Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28194FRUZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28194FRUZ-T7
Description  Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28194FRUZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28194FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6236.4
October 1, 2008
FIGURE 27. ISL28194 SUPPLY CURRENT ENABLED vs
TEMPERATURE, V+ = 5V, V- = 0V
FIGURE 28. ISL28195 SUPPLY CURRENT ENABLED vs
TEMPERATURE, V+ = 5V, V- = 0V
FIGURE 29. ISL28194 IBIAS + vs TEMPERATURE, V+ = 5V
FIGURE 30. ISL28195 IBIAS + vs TEMPERATURE, V+ = 5V
FIGURE 31. ISL28194 IBIAS vs TEMPERATURE, V+ = 2.4V
FIGURE 32. ISL28195 IBIAS vs TEMPERATURE, V+ = 2.4V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, Unless Otherwise Specified. (Continued)
200
250
300
350
400
450
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
0
5
10
15
20
25
30
35
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
0
5
10
15
20
25
30
35
40
-40
-20
0
20406080
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
-5
0
5
10
15
20
25
30
-40
-20
0
2040
6080
100
120
MIN
MAX
MEDIAN
N=1000
-5
0
5
10
15
20
25
30
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
0
5
10
15
20
25
30
35
40
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
ISL28194, ISL28195


Similar Part No. - ISL28194FRUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28194FRUZ-T7 INTERSIL-ISL28194FRUZ-T7 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194FRUZ-T7 RENESAS-ISL28194FRUZ-T7 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
More results

Similar Description - ISL28194FRUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
   High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com