Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T492B156J010CC4251 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T492B156J010CC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492B156J010CC4251 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T492B156J010CC4251 Datasheet HTML 6Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 7Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 8Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 9Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 10Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 11Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 12Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 13Page - Kemet Corporation T492B156J010CC4251 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
10
10
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Capacitor Marking
KEMET
CWR 11
Style
Rated
Voltage
156
25 K
030
J
Polarity
Indicator (+)
Picofarad Code
KEMET ID
PWC*
* 010 = 30th week of 2010
Storage
Tantalum chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term
storage. In addition, packaging materials will be degraded by high temperature - reels may soften or warp, and tape peel force may
increase. KEMET recommends that maximum storage temperature not exceed 40 degrees C, and maximum storage humidity not
exceed 60% relative humidity. In addition, temperature fluctuations should be minimized to avoid condensation on the parts, and
atmospheres should be free of chlorine and sulphur bearing compounds. For optimized solderability, chip stock should be used
promptly, preferably within three years of receipt.


Similar Part No. - T492B156J010CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492B105J035BB4250 KEMET-T492B105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4251 KEMET-T492B105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4252 KEMET-T492B105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4250 KEMET-T492B105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4251 KEMET-T492B105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492B156J010CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com