Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28194 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28194
Description  Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28194 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28194 Datasheet HTML 1Page - Intersil Corporation ISL28194 Datasheet HTML 2Page - Intersil Corporation ISL28194 Datasheet HTML 3Page - Intersil Corporation ISL28194 Datasheet HTML 4Page - Intersil Corporation ISL28194 Datasheet HTML 5Page - Intersil Corporation ISL28194 Datasheet HTML 6Page - Intersil Corporation ISL28194 Datasheet HTML 7Page - Intersil Corporation ISL28194 Datasheet HTML 8Page - Intersil Corporation ISL28194 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6236.4
October 1, 2008
FIGURE 3. ISL28194 CMRR vs FREQUENCY
FIGURE 4. ISL28195 CMRR vs FREQUENCY
FIGURE 5. ISL28194 PSRR vs FREQUENCY
FIGURE 6. ISL28195 PSRR vs FREQUENCY
FIGURE 7. ISL28194 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
FIGURE 8. ISL28195 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, Unless Otherwise Specified. (Continued)
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
CMRR
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
VSOURCE = 1VP-P
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
100k
CMRR
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
VSOURCE = 1VP-P
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
PSRR-
PSRR+
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
VSOURCE = 1VP-P
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
100k
PSRR-
PSRR+
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
VSOURCE = 1VP-P
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1
234
5
6789
10
TIME (s)
V+ = 5V
RL = 10k
AV = 1000
-3
-2
-1
0
1
2
3
01234
5
6789
10
TIME (s)
V+ = 5V
RL = 10k
AV = 1000
ISL28194, ISL28195


Similar Part No. - ISL28194

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
ISL28194EVAL1Z RENESAS-ISL28194EVAL1Z Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194FHZ-T7 INTERSIL-ISL28194FHZ-T7 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
More results

Similar Description - ISL28194

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
   High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com