Electronic Components Datasheet Search |
|
T492A156K010CC4251 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T492A156K010CC4251 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 17 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2006-1 • 10/11/2010 55 MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8 Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number Mil-C-55365/4F Part Number DC Leakage DF ESR Moisture Sensitivity 105ºC 120Hz KEMET/EIA (See below for part options) (See below for part options) +20ºC +20ºC 120Hz +20ºC 100kHz Temp≤260ºC VDC µF µAmps % Max mOhms J-STD-020D 4 2.2 A/3216-18 T492A225(1)004(2)(3)(4) CWR11C(6)225(1)(2)(5) 0.1 6.0 8.0 1.0 4 4.7 A/3216-18 T492A475(1)004(2)(3)(4) CWR11C(6)475(1)(2)(5) 0.2 6.0 8.0 1.0 4 6.8 B/3528-20 T492B685(1)004(2)(3)(4) CWR11C(6)685(1)(2)(5) 0.3 6.0 5.5 1.0 4 10 B/3528-20 T492B106(1)004(2)(3)(4) CWR11C(6)106(1)(2)(5) 0.4 6.0 4.0 1.0 4 15 B/3528-20 T492B156(1)004(2)(3)(4) CWR11C(6)156(1)(2)(5) 0.6 6.0 3.5 1.0 4 33 C/6032-28 T492C336(1)004(2)(3)(4) CWR11C(6)336(1)(2)(5) 1.3 6.0 2.2 1.0 4 68 D/7343-31 T492D686(1)004(2)(3)(4) CWR11C(6)686(1)(2)(5) 2.7 6.0 1.1 1.0 4 100 D/7343-31 T492D107(1)004(2)(3)(4) CWR11C(6)107(1)(2)(5) 4.0 8.0 0.9 1.0 6.3 1.5 A/3216-18 T492A155(1)006(2)(3)(4) CWR11D(6)155(1)(2)(5) 0.1 6.0 8.0 1.0 6.3 2.2 A/3216-18 T492A225(1)006(2)(3)(4) CWR11D(6)225(1)(2)(5) 0.1 6.0 8.0 1.0 6.3 3.3 A/3216-18 T492A335(1)006(2)(3)(4) CWR11D(6)335(1)(2)(5) 0.2 6.0 8.0 1.0 6.3 4.7 B/3528-20 T492B475(1)006(2)(3)(4) CWR11D(6)475(1)(2)(5) 0.3 6.0 5.5 1.0 6.3 6.8 B/3528-20 T492B685(1)006(2)(3)(4) CWR11D(6)685(1)(2)(5) 0.4 6.0 4.5 1.0 6.3 10 B/3528-20 T492B106(1)006(2)(3)(4) CWR11D(6)106(1)(2)(5) 0.6 6.0 3.5 1.0 6.3 15 C/6032-28 T492C156(1)006(2)(3)(4) CWR11D(6)156(1)(2)(5) 0.9 6.0 3.0 1.0 6.3 22 C/6032-28 T492C226(1)006(2)(3)(4) CWR11D(6)226(1)(2)(5) 1.4 6.0 2.2 1.0 6.3 47 D/7343-31 T492D476(1)006(2)(3)(4) CWR11D(6)476(1)(2)(5) 3.0 6.0 1.1 1.0 6.3 68 D/7343-31 T492D686(1)006(2)(3)(4) CWR11D(6)686(1)(2)(5) 4.3 6.0 0.9 1.0 10 1 A/3216-18 T492A105(1)010(2)(3)(4) CWR11F(6)105(1)(2)(5) 0.1 4.0 10.0 1.0 10 1.5 A/3216-18 T492A155(1)010(2)(3)(4) CWR11F(6)155(1)(2)(5) 0.2 6.0 8.0 1.0 10 2.2 A/3216-18 T492A225(1)010(2)(3)(4) CWR11F(6)225(1)(2)(5) 0.2 6.0 8.0 1.0 10 3.3 B/3528-20 T492B335(1)010(2)(3)(4) CWR11F(6)335(1)(2)(5) 0.3 6.0 5.5 1.0 10 4.7 B/3528-20 T492B475(1)010(2)(3)(4) CWR11F(6)475(1)(2)(5) 0.5 6.0 4.5 1.0 10 6.8 B/3528-20 T492B685(1)010(2)(3)(4) CWR11F(6)685(1)(2)(5) 0.7 6.0 3.5 1.0 10 15 C/6032-28 T492C156(1)010(2)(3)(4) CWR11F(6)156(1)(2)(5) 1.5 6.0 2.5 1.0 10 33 D/7343-31 T492D336(1)010(2)(3)(4) CWR11F(6)336(1)(2)(5) 3.3 6.0 1.1 1.0 10 47 D/7343-31 T492D476(1)010(2)(3)(4) CWR11F(6)476(1)(2)(5) 4.7 6.0 0.9 1.0 15 0.68 A/3216-18 T492A684(1)015(2)(3)(4) CWR11H(6)684(1)(2)(5) 0.1 4.0 12.0 1.0 15 1 A/3216-18 T492A105(1)015(2)(3)(4) CWR11H(6)105(1)(2)(5) 0.2 4.0 10.0 1.0 15 1.5 A/3216-18 T492A155(1)015(2)(3)(4) CWR11H(6)155(1)(2)(5) 0.2 6.0 8.0 1.0 15 2.2 B/3528-20 T492B225(1)015(2)(3)(4) CWR11H(6)225(1)(2)(5) 0.3 6.0 5.5 1.0 15 3.3 B/3528-20 T492B335(1)015(2)(3)(4) CWR11H(6)335(1)(2)(5) 0.5 6.0 5.0 1.0 15 4.7 B/3528-20 T492B475(1)015(2)(3)(4) CWR11H(6)475(1)(2)(5) 0.7 6.0 4.0 1.0 15 10 C/6032-28 T492C106(1)015(2)(3)(4) CWR11H(6)106(1)(2)(5) 1.5 6.0 2.5 1.0 15 22 D/7343-31 T492D226(1)015(2)(3)(4) CWR11H(6)226(1)(2)(5) 3.3 6.0 1.1 1.0 15 33 D/7343-31 T492D336(1)015(2)(3)(4) CWR11H(1)336(1)(2)(5) 5.0 6.0 0.9 1.0 20 0.47 A/3216-18 T492A474(1)020(2)(3)(4) CWR11J(6)474(1)(2)(5) 0.1 4.0 14.0 1.0 20 0.68 A/3216-18 T492A684(1)020(2)(3)(4) CWR11J(6)684(1)(2)(5) 0.1 4.0 12.0 1.0 20 1 A/3216-18 T492A105(1)020(2)(3)(4) CWR11J(6)105(1)(2)(5) 0.2 4.0 10.0 1.0 20 1.5 B/3528-20 T492B155(1)020(2)(3)(4) CWR11J(6)155(1)(2)(5) 0.3 6.0 6.0 1.0 20 2.2 B/3528-20 T492B225(1)020(2)(3)(4) CWR11J(6)225(1)(2)(5) 0.4 6.0 5.0 1.0 20 3.3 B/3528-20 T492B335(1)020(2)(3)(4) CWR11J(6)335(1)(2)(5) 0.7 6.0 4.0 1.0 20 4.7 C/6032-28 T492C475(1)020(2)(3)(4) CWR11J(6)475(1)(2)(5) 0.9 6.0 3.0 1.0 20 6.8 C/6032-28 T492C685(1)020(2)(3)(4) CWR11J(6)685(1)(2)(5) 1.4 6.0 2.4 1.0 20 15 D/7343-31 T492D156(1)020(2)(3)(4) CWR11J(6)156(1)(2)(5) 3.0 6.0 1.1 1.0 20 22 D/7343-31 T492D226(1)020(2)(3)(4) CWR11J(6)226(1)(2)(5) 4.4 6.0 0.9 1.0 25 0.33 A/3216-18 T492A334(1)025(2)(3)(4) CWR11K(6)334(1)(2)(5) 0.1 4.0 15.0 1.0 VDC µF KEMET/EIA (see below for part options) (see below for part options) µAmps % Max mOhms J-STD-020A 105ºC 120Hz +20ºC +20ºC +20ºC 100kHz Temp≤260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number Mil-C-55365/4F Part Number DC Leakage DF ESR Moisture Sensitivity Other part number options: Where the 10th character equal to K (10% tolerance) is also available in M (20% tolerance). Where the 10th character equal to M (20% tolerance) is only available in M (20% tolerance). Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H) Also available on large (13 inch) reels. Add 7280 to the end of the part number. Table 1 – Ratings & Part Number Reference T 492 D 156 K 020 A C 4251 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/Design Lead Material Surge (C-Spec) T = Tantalum CWR 11 Established Reliability A = 3216-18 B = 3258-19 C = 6032-25 D = 7343-31 First two digits represent significant figures. Third digit specifies number of zeros. J = ±5% K = ±10% M = ±20% 006 = 6.3V 010 = 10V 015 = 15V 020 = 20V 025 = 25V 035 = 35V 050 = 50V A = N/A B = 0.1%/1000 hrs C = .01%/1000 hrs D = .001%/1000 hrs C = Hot Solder Dipped H = Standard Solder Coated (SnPb 5% Pb minimum) B = Gold Plated K = Solder Fused 4250= 25C after Weibull 4251 = -55C and 85C after Weibull 4252 = -55C and 85C before Weibull Roll Over for Order Info. |
Similar Part No. - T492A156K010CC4251 |
|
Similar Description - T492A156K010CC4251 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |