Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE4299 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TLE4299
Description  Low-Drop Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4299_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 13Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 14Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TLE 4299
Datasheet
11
Rev. 1.1, 2007-10-17
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
Figure 5
Measurement Circuit
Sense high reaction time
t
pd SO LH
–2.4
4.0
µs
R
SO ext = 5.6kΩ
Sense low reaction time
t
pd SO HL
–2.5
6.0
µs
R
SO ext = 5.6kΩ
Characteristics (cont’d)
V
I =13.5V; Tj = 40 °C< Tj <150 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min. typ. max.
AES02835
TLE 4299
Q1
GND
I
C
D
100 nF
I
ch
I
I
V
I
I
Q1
I
GND
V
Q1
D
V
INH
I
INH
INH
V
RADJ
I
RADJ
RADJ
I
SI
V
SI
SI
SO
V
SO
V
RO
RO
(TLE4299GMV33
only)


Similar Part No. - TLE4299_07

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
More results

Similar Description - TLE4299_07

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
Siemens Semiconductor Group
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com