Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE4299 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4299_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 13Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 14Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 15Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 16Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 17Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 18Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TLE 4299
Datasheet
15
Rev. 1.1, 2007-10-17
Figure 8
Reset Timing Diagram
The reset output is an open collector output. An external pull-up can be added with a
resistor value of at least 5.6 k
Ω.
In addition the reset switching threshold can be adjusted by an external voltage divider.
The feature is useful for microprocessors which guarantee safe operation down to volt-
ages below the internally set reset threshold of 3.10V typical. If the internal used reset
threshold of typical 3.10V is used, the pin RADJ has to beconnected to GND.
If a lower reset threshold is required by the system, a voltage divider defines the reset
threshold
VRth between 2.5V and 3.10V as long as the Input Voltage V
I>4.4V
V
Rth = VRADJ TH * (RADJ1 + RADJ2) / RADJ2 (3)
V
RADJ TH is typical 1.36 V.
AED03107
Thermal
t d
Power-on-Reset
Voltage Dip
Secondary
Overload
at Output
Spike
t
V
ST
V
RO, SAT
RT
V
t RR
<
RR
t
at Input
Undervoltage
Shutdown
V
V
RO
D
V
t
t
t
t
Q
V
V
I
V
DT
d
d
I
C
D
D
=


Similar Part No. - TLE4299_07

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
More results

Similar Description - TLE4299_07

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
Siemens Semiconductor Group
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com