Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4476D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4476D
Description  Dual Low Drop Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476D Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4476D Datasheet HTML 1Page - Infineon Technologies AG TLE4476D Datasheet HTML 2Page - Infineon Technologies AG TLE4476D Datasheet HTML 3Page - Infineon Technologies AG TLE4476D Datasheet HTML 4Page - Infineon Technologies AG TLE4476D Datasheet HTML 5Page - Infineon Technologies AG TLE4476D Datasheet HTML 6Page - Infineon Technologies AG TLE4476D Datasheet HTML 7Page - Infineon Technologies AG TLE4476D Datasheet HTML 8Page - Infineon Technologies AG TLE4476D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4
Rev. 2.5, 2007-03-20
TLE 4476
Notes
1. ESD-Protection according to MIL Std. 883:
±2 kV.
2. Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2
Absolute Maximum Ratings
-40
°C < T
j < 170 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input I
Voltage
V
I
-42
42
65
V
V
t < 400 ms
Current
I
I
mA
Internally limited
3.3 V Output Q1
Voltage
V
Q1
-1
36
V
Current
I
Q1
mA
Internally limited
5.5 V Output Q2
Voltage
V
Q2
-1
36
V
Current
I
Q2
mA
Internally limited
Inhibit EN
Voltage
V
EN
-42
42
65
V
V
t < 400 ms
Current
I
EN
mA
Internally limited
Temperatures
Junction temperature
T
j
-50
170
°C–
Storage temperature
T
stg
-50
150
°C–


Similar Part No. - TLE4476D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
More results

Similar Description - TLE4476D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com