Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6214L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6214L Datasheet HTML 3Page - Infineon Technologies AG TLE6214L Datasheet HTML 4Page - Infineon Technologies AG TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG TLE6214L Datasheet HTML 10Page - Infineon Technologies AG TLE6214L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Datasheet TLE 6214 L
V3.0
Page
18.10.2004
7
the on/off register are reseted and the current consumption drastically reduced. A wake up is done by
sending a wake up command by SPI. A specified time (twake) after this command the IC is fully func-
tional. The configuraton register (exception channel on/off register) values are not influenced by the
sleep mode. After wake up the outputs are Off, except the outputs are controlled by parallel inputs.
Overload Protection: The IC can be programmed to react in different ways to overload.
Current limit 1: In this mode the IC active limits the current to the specified “Current Limit 1”. If the cur-
rent limitation is active for longer than the fault filtering time this fault is reported and stored in the Fault
register.
Current limit 2: If this current limit is active for more than the specified “Overload switch off delay time”
the affected channel is turned off and the fault is reported and stored in the fault register. To turn on the
channel again this overload latch has to be reset before with an L! H transition of the input signal
(parallel /SPI depending on the programmed operation).
The two operation modes can be changed during operation of the channel.
Pin description:
OUTPUT 1,2 – Drain pins of the two channels. Output pins and connected to the load.
GND – Ground pins.
IN 1,2 – Parallel Input Pins of the two channels
IS / Fault / ST1 –Configurable output pin. Depending on the configuration (done by SPI command) it
has three basic functions:
a) General Fault pin. This is a general fault pin (open drain) which shows a high to low transi-
tion as soon as an error is latched into the diagnosis register. When the diagnosis register is
cleared this flag is also reset (high state). This fault indication can be used to generate a µC
interrupt.
b) Sense Function. In this configuration the analog output signal represents the value of the
load current:
Sense Current proportional load current channel 1
Sense Current proportional load current channel 2
Sense Current proportional load current of both channels (ID1 + ID2)
c) Status Output for channel 1: The Status output shows the same level as the input signal of
channel 1 as long as there is no error and the inverted input signal when any kind of error
occurs at channel 1
VS – Logic Supply pin. Used to supply the integrated circuitry.
CS – Chip Select of the SPI (low active)
SO / ST2 – Configurable output pin. Depending on the configuration (done by SPI command) it has two
functions:
a) Signal Output of the Serial Peripheral Interface
b) Status Output for channel 2: The Status output shows the same level as the input signal of
channel 2 as long as there is no error and the inverted input signal when any kind of error
occurs at channel 2
SI – Signal Input of the Serial Peripheral Interface. The pin has an internal pull down structure.
SCKL – Clock Input of the Serial Peripheral Interface. The pin has an internal pull down structure


Similar Part No. - TLE6214L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L Datasheet
344Kb / 17P
   Smart Dual Current Sense Switch
25.06.2003
More results

Similar Description - TLE6214L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L Datasheet
344Kb / 17P
   Smart Dual Current Sense Switch
25.06.2003
logo
International Rectifier
AUIPS7142G IRF-AUIPS7142G_15 Datasheet
154Kb / 17P
   DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
   Smart Sense High-Side Power Switch
V1.1, 2008-19-08
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
logo
Infineon Technologies A...
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com