Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29028IROZ-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL29028IROZ-T7
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028IROZ-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL29028IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29028IROZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6780.1
March 2, 2010
TABLE 4. REGISTER 0x02 (INTERRUPT) - PROX/ALS INTERRUPT CONTROL
BIT #
ACCESS DEFAULT
BIT NAME
FUNCTION/OPERATION
7FLAG
0x00
PROX_FLAG
(Prox Flag)
When = 0, no Prox interrupt event has occurred since power-on or last “clear”
When = 1, a Prox interrupt event occurred. Clearable by writing “0”
6:5
RW
0x00
PROX_PRST
(Prox Persist)
For bits 6:5 = (see the following)
00; set PROX_FLAG if 1 conversion result trips the threshold value
01; set PROX_FLAG if 4 conversion results trip the threshold value
10; set PROX_FLAG if 8 conversion results trip the threshold value
11; set PROX_FLAG if 16 conversion results trip the threshold value
4RW
0x00
Unused
(Write 0)
Unused register bit - write 0
3FLAG
0x00
ALS_FLAG
(ALS FLAG)
When = 0, no ALS interrupt event has occurred since power-on or last “clear”
When = 1, an ALS interrupt event occurred. Clearable by writing “0”
2:1
RW
0x00
ALS_PRST
(ALS Persist)
For bits 2:1 = (see the following)
00; set ALS_FLAG if 1 conversion is outside the set window
01; set ALS_FLAG if 4 conversions are outside the set window
10; set ALS_FLAG if 8 conversions are outside the set window
11; set ALS_FLAG if 16 conversions are outside the set window
0RW
0x00
INT_CTRL
(Interrupt
Control)
When = 0, set INT pin low if PROX_FLAG or ALS_FLAG high (logical OR)
When = 1, set INT pin low if PROX_FLAG and ALS_FLAG high (logical AND)
TABLE 5. REGISTER 0x03 (PROX_LT) - INTERRUPT LOW THRESHOLD FOR PROXIMITY SENSOR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
PROX_LT
(Prox Threshold)
8-bit interrupt low threshold for
proximity sensing
TABLE 6. REGISTER 0x04 (PROX_HT) - INTERRUPT HIGH THRESHOLD FOR PROXIMITY SENSOR
BIT # ACCESS DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0xFF
PROX_HT
(Prox
Threshold)
8-bit interrupt high threshold for proximity sensing
TABLE 7. REGISTER 0x05 (ALSIR_TH1) - INTERRUPT LOW THRESHOLD FOR ALS/IR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
ALSIR_LT[7:0]
(ALS/IR Low Thr.)
Lower 8 bits (of 12 bits) for ALS/IR low interrupt threshold
TABLE 8. REGISTER 0x06 (ALSIR_TH2) - INTERRUPT LOW/HIGH THRESHOLDS FOR ALS/IR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:4
RW
0x0F
ALSIR_HT[3:0]
(ALS/IR High Thr.)
Lower 4 bits (of 12 bits) for ALS/IR high interrupt threshold
3:0
RW
0x00
ALSIR_LT[11:8]
(ALS/IR Low Thr.)
Upper 4 bits (of 12 bits) for ALS/IR low interrupt threshold
TABLE 9. REGISTER 0x07 (ALSIR_TH3) - INTERRUPT HIGH THRESHOLD FOR ALS/IR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0xFF
ALSIR_HT[11:4]
(ALS/IR High Thr.)
Upper 8 bits (of 12 bits) for ALS/IR high interrupt threshold
ISL29028


Similar Part No. - ISL29028IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29028IROZ-T7 RENESAS-ISL29028IROZ-T7 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29028IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com