Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85033IRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL85033IRTZ
Description  Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85033IRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL85033IRTZ Datasheet HTML 6Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 7Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 8Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 9Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 10Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 11Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 12Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 13Page - Intersil Corporation ISL85033IRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL85033
10
FN6676.2
December 8, 2010
Typical Performance Curves Circuit of Figure 2. V
IN = 12V, VOUT1 = 5V, VOUT2 = 3.3V, IOUT1 = 3A,
IOUT2 = 3A, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.
FIGURE 4. EFFICIENCY vs LOAD, TA = +25°C,
VIN = 28V
FIGURE 5. EFFICIENCY vs LOAD, TA = +25°C,
FSW = 500kHz, VIN = 12V
FIGURE 6. EFFICIENCY vs LOAD, TA = +25°C,
CURRENT SHARING 5VOUT, FSW =500kHz
FIGURE 7. POWER DISSIPATION vs LOAD,
TA = +25°C, CURRENT SHARING 5VOUT,
FSW = 500kHz
FIGURE 8. POWER DISSIPATION vs LOAD,
TA = +85°C, CURRENT SHARING 5VOUT,
FSW = 500kHz
FIGURE 9. VOUT REGULATION vs LOAD, CHANNEL 1,
TA = +25°C, 5VOUT, FSW = 500kHz
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
3.3VOUT 500kHz
9VOUT 1MHz
12VOUT 1MHz
1.8VOUT 300kHz
5VOUT 500kHz
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
3.3VOUT
5VOUT
40
50
60
70
80
90
100
0
123456
OUTPUT LOAD (A)
12VIN
9VIN
28VIN
0.0
0.7
1.4
2.1
2.8
3.5
4.2
OUTPUT LOAD (A)
0
123456
12VIN
9VIN
28VIN
0.0
0.8
1.6
2.4
3.2
4.0
4.8
OUTPUT LOAD (A)
0
123456
12VIN
9VIN
28VIN
4.98
4.99
5.00
5.01
5.02
5.03
5.04
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
12VIN
9VIN
28VIN
ISL85033


Similar Part No. - ISL85033IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033IRTZ INTERSIL-ISL85033IRTZ Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
ISL85033IRTZ INTERSIL-ISL85033IRTZ Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Renesas Technology Corp
ISL85033IRTZ RENESAS-ISL85033IRTZ Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
More results

Similar Description - ISL85033IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com